Electronic Components Datasheet Search
  English  ▼

X  

SM712TC Datasheet(PDF) 4 Page - Semtech Corporation

Part # SM712TC
Description  Asymmetrical TVS Diode for Extended Common-Mode RS-485
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SM712TC Datasheet(HTML) 4 Page - Semtech Corporation

  SM712TC Datasheet HTML 1Page - Semtech Corporation SM712TC Datasheet HTML 2Page - Semtech Corporation SM712TC Datasheet HTML 3Page - Semtech Corporation SM712TC Datasheet HTML 4Page - Semtech Corporation SM712TC Datasheet HTML 5Page - Semtech Corporation SM712TC Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SM712
RS-485 Common Mode Voltages
Device Connection for Protection of Two RS-485 Data
Lines
EIA RS-485 specifies a ±7V ground difference between
devices on the bus. This permits the bus voltage to
range from +12V (5V + 7V) to -7V (0 - 7V).
The SM712 is designed to protect two RS-485 data
lines in extended common mode applications. The
SM712 may be used to protect devices from transient
voltages resulting from ESD, EFT, and lightning. The
device is designed with asymmetrical operating volt-
ages for optimum protection. The TVS diodes at pins 1
& 2 have a working voltage of 12 volts. These pins are
connected to the differential data line pairs. The TVS
diodes at pin 3 have a working voltage of 7 volts. Pin
3 is connected to ground. The internal TVS diodes of
the SM712 will protect the transceiver input from
positive transient voltage spikes greater than 12V and
negative spikes greater than 7V.
A series current limiting resistor may be added in
applications requiring enhanced surge immunity.
Circuit Board Layout Recommendations.
Good circuit board layout is critical for the suppression
of fast rise-time transients such as ESD. The following
guidelines are recommended:
l
Place the SM712 near the input terminals or
connectors to restrict electromagnetic coupling.
l
Minimize the path length between the SM712 and
the protected line. This minimizes voltage over-
shoot due to parasitic inductance of board traces.
l
Use ground planes whenever possible.
l
Long, single trace ground conductors should be
avoided. The ground pin (Pin 3) should be con-
nected directly to a ground plane on the circuit
board for best results.
l
Minimize all conductive loops including power and
ground loops.
l
Never run critical signals near board edges.
RS-485 Protection Circuit
Applications Information



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com