Electronic Components Datasheet Search
  English  ▼

X  

STF701 Datasheet(PDF) 1 Page - Semtech Corporation

Part # STF701
Description  T-Filter with TVS Diode Array For EMI Filtering and ESD Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

STF701 Datasheet(HTML) 1 Page - Semtech Corporation

  STF701 Datasheet HTML 1Page - Semtech Corporation STF701 Datasheet HTML 2Page - Semtech Corporation STF701 Datasheet HTML 3Page - Semtech Corporation STF701 Datasheet HTML 4Page - Semtech Corporation STF701 Datasheet HTML 5Page - Semtech Corporation STF701 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PROTECTION PRODUCTS
1
www.semtech.com
PROTECTION PRODUCTS
STF701
T-Filter with TVS Diode Array
For EMI Filtering and ESD Protection
Description
Features
Circuit Diagram
Schematic & PIN Configuration
Revision 9/2000
The STF701 is a low pass T-filter with integrated TVS
diodes. It is designed to provide bi-directional un-
wanted EMI/RFI signals filtering and electrostatic
discharge (ESD) protection in portable electronic
equipment. Each device will provide filtering and
protection for two I/O lines.
The STF701 is constructed using thin-film-on-silicon
technology. The device has very low insertion loss in
the pass band (to approximately 10MHz) and good
attenuation at high frequencies (approximately
100MHz to 1GHz). Each line features two stages of
TVS diode protection. The TVS diodes provide effec-
tive suppression of ESD voltages in excess of 15kV (air
discharge) and 8kV (contact discharge) per IEC 61000-
4-2, level 4.
The clamping characteristics of the device are opti-
mized by the use of two TVS diodes. The TVS diodes
serve a dual purpose of protecting the internal capaci-
tor and the sensitive IC connected to the line. The
voltage divider action of the circuit means the voltage
across the protected IC will be very close to the break-
down voltage (V
BR) of the second TVS.
The small size and integrated feature of the STF701
minimizes required board space and increases system
reliability. The STF701 is suitable for use in portable
communications devices such as cellular handsets and
accessory kits.
Applications
Mechanical Characteristics
u Cell phone handsets
u Cell phone accessories
u RF Communications equipment
u Laptop Computers
u Two-way pagers
u GPS Devices
u Bidirectional EMI/RFI filtering with integrated ESD
protection
u ESD protection to IEC 61000-4-2 Level 4
u Filtering and ESD protection for two data lines
u Low insertion loss to 10MHz
u Good attenuation of high frequency signals
u Low TVS operating voltage (5V)
u Low clamping voltage
u Low leakage current
u Thin-film-on-silicon technology
u EIAJ SC70-5L package
u Molding compound flammability rating: UL 94V-0
u Marking : 701
u Packaging : Tape and Reel per EIA 481
SC70-5L (Top View)


Similar Part No. - STF701

ManufacturerPart #DatasheetDescription
logo
Protek Devices
STF701 PROTEC-STF701 Datasheet
114Kb / 4P
EMI FILTER/TVS ARRAY
STF701 PROTEC-STF701 Datasheet
705Kb / 7P
emi filter/tvs array
STF701-LF-T7 PROTEC-STF701-LF-T7 Datasheet
708Kb / 7P
Compatible with IEC 61000-4-2 (ESD) Air 15kV, Contact 8kV
STF701 PROTEC-STF701_11 Datasheet
705Kb / 7P
emi filter/tvs array
STF701 PROTEC-STF701_12 Datasheet
708Kb / 7P
EMI FILTER/TVS ARRAY
More results

Similar Description - STF701

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
STF201-22 SEMTECH-STF201-22 Datasheet
217Kb / 7P
USB Downstream Post Filter & TVS For EMI Filtering and ESD Protection
STF202-22 SEMTECH-STF202-22 Datasheet
164Kb / 6P
USB Upstream Port Filter & TVS For EMI Filtering and ESD Protection
logo
KEC(Korea Electronics)
PF1710WLP15 KEC-PF1710WLP15 Datasheet
434Kb / 1P
For EMI Filtering and ESD Protection.
PF1714WLP15 KEC-PF1714WLP15 Datasheet
434Kb / 1P
For EMI Filtering and ESD Protection.
logo
Semtech Corporation
SMF05 SEMTECH-SMF05_08 Datasheet
179Kb / 8P
TVS Diode Array For ESD and Latch-Up Protection
SMS05 SEMTECH-SMS05_04 Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
ECLAMP2522P SEMTECH-ECLAMP2522P Datasheet
198Kb / 7P
USB Upstream Port Filter and TVS For EMI Filtering and ESD Protection
ECLAMP2122S SEMTECH-ECLAMP2122S Datasheet
229Kb / 7P
USB Downstream Port Filter & TVS For EMI Filtering and ESD Protection
logo
Pan Jit International I...
PJ4254FN8C PANJIT-PJ4254FN8C Datasheet
220Kb / 4P
EMI FILTER ARRAY WITH ESD PROTECTION
logo
Shanghai Leiditech Elec...
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com