Electronic Components Datasheet Search
  English  ▼

X  

UR5HCFJ8 Datasheet(PDF) 2 Page - Semtech Corporation

Part # UR5HCFJ8
Description  Low-Power Keyboard Encoder for Portable Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UR5HCFJ8 Datasheet(HTML) 2 Page - Semtech Corporation

  UR5HCFJ8 Datasheet HTML 1Page - Semtech Corporation UR5HCFJ8 Datasheet HTML 2Page - Semtech Corporation UR5HCFJ8 Datasheet HTML 3Page - Semtech Corporation UR5HCFJ8 Datasheet HTML 4Page - Semtech Corporation UR5HCFJ8 Datasheet HTML 5Page - Semtech Corporation UR5HCFJ8 Datasheet HTML 6Page - Semtech Corporation UR5HCFJ8 Datasheet HTML 7Page - Semtech Corporation UR5HCFJ8 Datasheet HTML 8Page - Semtech Corporation UR5HCFJ8 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
FUNCTIONAL DIAGRAM
ORDERING CODE
Copyright Semtech, 1997-2001
DOC5-FJ8-DS-107
www.semtech.com
2
Data Buffer
Interrupt Control
PC
Communication
Channel
EKC1
KC
KD
Keyboard Encoder
Mode Control
Status LEDs
Row Data Inputs
Column Select
Ouputs
NL/CL/SL
3
8
16
C0-
C15
R0-
R7
Package options
40-pin Plastic DIP
44-pin, Plastic PLCC
44-pin, Plastic QFP
Pitch In mm’s
2 54 mm
1.27 mm
0.8 mm
TA = -40°C to +85°C
UR5HCFJ8-P
UR5HCFJ8-FN
UR5HCFJ8-FB
8042 Emulation
(External Keyboard)
Communication
Channel
EKC
EKD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com