Electronic Components Datasheet Search
  English  ▼

X  

PDM505HA Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PDM505HA
Description  50A 500V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDM505HA Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PDM505HA Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDM505HA Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDM505HA Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
MOSFET
MOSFET
MOSFET
MOSFET
50A
50A
50A
50A 500V
500V
500V
500V
PDM505HA
P2HM505HA
耐 圧・クラス
Grade
項
目
Rating
記 号
Symbol
PDM505HA / P2HM505HA
単位
Unit
500
ドレイン・ソース間電圧
Drain-Source Voltage
VDSS
VGS=0V
V
ゲート・ソース間電圧
Gate-Source Voltage
VGSS
±20
V
Duty=50%
50(Tc=25℃)
ドレイン電流(連続)
Continuous Drain Current
D.C.
ID
35(Tc=25℃)
A
パルスドレイン電流
Pulsed Drain Current
IDM
100(Tc=25℃)
A
全損失
Total Power Dissipation
PD
350(Tc=25℃)
W
動作接合温度範囲
Operating Junction Temperature Range
Tjw
−40∼+150℃
℃
保存温度範囲
Storage Temperature Range
Tstg
−40∼+125℃
℃
2000
絶縁耐圧
RMS Isolation Voltage
Viso
端子 - ベース間,AC1 分間 Terminals to Base, AC 1 min .
V
3.0(本体取付 Module Base to Heat sink)
締付トルク
Mounting Torque
Ftor
2.0(ネジ端子部 Bus bar to Main Terminals)
N・m
PDM505HA
PDM505HA
PDM505HA
PDM505HA
P2HM505H
P2HM505H
P2HM505H
P2HM505HA
A
A
A
質量 Approximate Weight :220g
質量 Approximate Weight :220g
■最大定格
最大定格
最大定格
最大定格
Maximum Ratings
108.0
108.0


Similar Part No. - PDM505HA

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDM505HA NIEC-PDM505HA Datasheet
67Kb / 3P
MOSFET MODULE Dual 50A/500V
logo
National Instruments Co...
PDM505HA NI-PDM505HA_15 Datasheet
117Kb / 3P
MOSFET
More results

Similar Description - PDM505HA

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ10015 MOSPEC-MJ10015 Datasheet
181Kb / 4P
POWER TRANSISTORS(50A,400-500V,250W)
logo
Nihon Inter Electronics...
PC50F5 NIEC-PC50F5 Datasheet
29Kb / 2P
FRD MODULE 50A/500V/trr:90nsec
PD7M440H NIEC-PD7M440H Datasheet
66Kb / 3P
MOSFET MODULE Dual 50A 450V/500V
PDM505HA NIEC-PDM505HA Datasheet
67Kb / 3P
MOSFET MODULE Dual 50A/500V
PDM505HC NIEC-PDM505HC Datasheet
113Kb / 3P
MOSFET MODULE Dual 50A/500V
PD7M440H NIEC-PD7M440H_1 Datasheet
114Kb / 3P
50A 450~500V
PD7M440L NIEC-PD7M440L_1 Datasheet
121Kb / 3P
50A 450~500V
PDM505HC NIEC-PDM505HC_1 Datasheet
104Kb / 3P
50A 500V
logo
Renesas Technology Corp
2SK1522-E1-E RENESAS-2SK1522-E1-E_15 Datasheet
95Kb / 7P
500V - 50A - MOS FET High Speed Power Switching
H5N5016PL-E0-E RENESAS-H5N5016PL-E0-E_15 Datasheet
97Kb / 7P
500V - 50A - MOS FET High Speed Power Switching
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com