Electronic Components Datasheet Search
  English  ▼

X  

PDMB75B12C Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # PDMB75B12C
Description  75A 1200V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDMB75B12C Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  PDMB75B12C Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDMB75B12C Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDMB75B12C Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
日本インター株式会社
QS043-401M0058 (4/4)
PDMB75B12
PDMB75B12C
01
012
34
0
25
50
75
100
125
150
Forward Voltage VF (V)
Fig.8- Forward Characteristics of Free Wheeling Diode
(Typical)
TC=25℃
TC=125℃
5
10
20
50
100
200
0.02
0.05
0.1
0.2
0.5
1
2
5
10
Series Gate Impedance RG (Ω)
Fig.7- Series Gate Impedance vs. Switching Time (Typical)
tf
tr
ton
toff
VCC=600V
IC=75A
VGE=±15V
TC=25℃
0
150
300
450
1
2
5
10
20
50
100
200
500
-di/dt (A/μs)
Fig.9- Reverse Recovery Characteristics (Typical)
IRrM
trr
IF=75A
TC=25℃
10
-5
10
-4
10
-3
10
-2
10
-1
110
2x10
-3
5x10
-3
-2
2x10
-2
5x10
-2
-1
2x10
-1
5x10
-1
1
2
5
Time t (s)
fig11-Tansient Thermal Impedance
Tc=25℃
1 Shot Pulse
IGBT
FRD
1
1x10
1x10
0
400
800
1200
1600
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
Collector to Emitter Voltage V CE (V)
Fig.10- Reverse Bias Safe Operating Area
RG=13Ω
VGE=±15V
TC≦125℃



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com