Electronic Components Datasheet Search
  English  ▼

X  

BD809 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BD809
Description  Plastic High Power Silicon Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD809 Datasheet(HTML) 2 Page - ON Semiconductor

  BD809 Datasheet HTML 1Page - ON Semiconductor BD809 Datasheet HTML 2Page - ON Semiconductor BD809 Datasheet HTML 3Page - ON Semiconductor BD809 Datasheet HTML 4Page - ON Semiconductor BD809 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BD809 (NPN), BD810 (PNP)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Collector-Emitter Sustaining Voltage (Note 1)
(IC = 0.1 Adc, IB = 0)
BVCEO
80
-
-
Vdc
Collector Cutoff Current
(VCB = 80 Vdc, IE = 0)
ICBO
-
1.0
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
-
2.0
mAdc
DC Current Gain
(IC = 2.0 A, VCE = 2.0 V)
(IC = 4.0 A, VCE = 2.0 V)
hFE
30
15
-
-
Collector-Emitter Saturation Voltage (Note 1)
(IC = 3.0 Adc, IB = 0.3 Adc)
VCE(sat)
-
1.1
Vdc
Base-Emitter On Voltage (Note 1)
(IC = 4.0 Adc, VCE = 2.0 Vdc)
VBE(on)
-
1.6
Vdc
Current-Gain Bandwidth Product
(IC = 1.0 Adc, VCE = 10 Vdc, f = 1.0 MHz)
fT
1.5
-
MHz
1. Pulse Test: Pulse Width
x 300 ms, Duty Cycle x 2.0%.
Figure 1. Active Region DC Safe Operating Area
(see Note 1)
10
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
3
1
0.1
3
10
30
100
0.3
dc
5 ms
1
1 ms
.5 ms
1 ms
90
80
0
0
25
50
100
125
150
175
Figure 2. Power-Temperature Derating Curve
TC, CASE TEMPERATURE (°C)
75
10
70
60
50
40
30
20



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com