Electronic Components Datasheet Search
  English  ▼

X  

BSP52T3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # BSP52T3G
Description  NPN Small-Signal Darlington Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BSP52T3G Datasheet(HTML) 1 Page - ON Semiconductor

  BSP52T3G Datasheet HTML 1Page - ON Semiconductor BSP52T3G Datasheet HTML 2Page - ON Semiconductor BSP52T3G Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 2010
September, 2010 − Rev. 6
1
Publication Order Number:
BSP52T1/D
BSP52T1G, BSP52T3G
NPN Small-Signal
Darlington Transistor
This NPN small signal Darlington transistor is designed for use in
switching applications, such as print hammer, relay, solenoid and lamp
drivers. The device is housed in the SOT-223 package, which is
designed for medium power surface mount applications.
Features
• The SOT-223 Package can be soldered using wave or reflow. The
formed leads absorb thermal stress during soldering, eliminating the
possibility of damage to the die
• Available in 12 mm Tape and Reel
Use BSP52T1 to Order the 7 Inch/1000 Unit Reel
• PNP Complement is BSP62T1
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Max
Unit
Collector-Emitter Voltage
VCES
80
Vdc
Collector-Base Voltage
VCBO
90
Vdc
Emitter-Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
1.0
Adc
Total Power Dissipation (Note 1)
@ TA = 25°C
Derate above 25°C
PD
0.8
6.4
W
mW/°C
Total Power Dissipation (Note 2)
@ TA = 25°C
Derate above 25°C
PD
1.25
10
W
mW/°C
Operating and Storage
Temperature Range
TJ, Tstg
−65 to 150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance (Note 1)
Junction-to-Ambient
RqJA
156
°C/W
Thermal Resistance (Note 2)
Junction-to-Ambient
RqJA
100
°C/W
Maximum Temperature for Soldering
Purposes
Time in Solder Bath
TL
260
10
°C
Sec
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Device mounted on a FR-4 glass epoxy printed circuit board using minimum
recommended footprint.
2. Device mounted on a FR-4 glass epoxy printed circuit board using 1 cm2 pad.
Device
Package
Shipping†
ORDERING INFORMATION
MARKING DIAGRAM
SOT−223
CASE 318E
STYLE 1
3
2
1
COLLECTOR 2,4
BASE
1
EMITTER 3
4
AYW
AS3G
G
A
= Assembly Location
Y
= Year
W
= Work Week
AS3
= Specific Device Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
MEDIUM POWER
NPN SILICON
SURFACE MOUNT
DARLINGTON TRANSISTOR
BSP52T1G
SOT−223
(Pb−Free)
1000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
BSP52T3G
SOT−223
(Pb−Free)
4000/Tape & Reel


Similar Part No. - BSP52T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BSP52T3G ONSEMI-BSP52T3G Datasheet
47Kb / 4P
NPN Small?뭆ignal Darlington Transistor
September, 2005 ??Rev. 5
BSP52T3G ONSEMI-BSP52T3G Datasheet
96Kb / 4P
NPN Small-Signal Darlington Transistor
January, 2012 ??Rev. 8
BSP52T3G ONSEMI-BSP52T3G Datasheet
180Kb / 6P
NPN Small-Signal Darlington Transistor
May, 2019 ??Rev. 9
BSP52T3G ONSEMI-BSP52T3G Datasheet
196Kb / 6P
NPN Small-Signal Darlington Transistor
July, 2021 - Rev. 10
More results

Similar Description - BSP52T3G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CMBTA13 RECTRON-CMBTA13 Datasheet
70Kb / 2P
NPN Small-Signal Darlington Transistors
logo
Central Semiconductor C...
CP257 CENTRAL-CP257 Datasheet
216Kb / 2P
Small Signal Transistor NPN - High Voltage Darlington Transistor Chip
CP307 CENTRAL-CP307 Datasheet
212Kb / 2P
Small Signal Transistor NPN - Silicon Darlington Transistor Chip
CP323 CENTRAL-CP323 Datasheet
215Kb / 2P
Small Signal Transistor NPN - Darlington Transistor Chip
CP329V CENTRAL-CP329V Datasheet
42Kb / 1P
Small Signal Transistor NPN- Silicon Darlington Transistor Chip
logo
ON Semiconductor
BSP52T1 ONSEMI-BSP52T1_05 Datasheet
47Kb / 4P
NPN Small?뭆ignal Darlington Transistor
September, 2005 ??Rev. 5
logo
Central Semiconductor C...
CP307 CENTRAL-CP307_10 Datasheet
402Kb / 2P
Small Signal Transistor NPN - Silicon Darlington Transistor Chip
CP327V CENTRAL-CP327V Datasheet
653Kb / 2P
Small Signal Transistor NPN - Silicon Darlington Transistor Chip
logo
ON Semiconductor
BSP52T1G ONSEMI-BSP52T1G_12 Datasheet
96Kb / 4P
NPN Small-Signal Darlington Transistor
January, 2012 ??Rev. 8
BSP52T1G ONSEMI-BSP52T1G_V01 Datasheet
180Kb / 6P
NPN Small-Signal Darlington Transistor
May, 2019 ??Rev. 9
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com