Electronic Components Datasheet Search
  English  ▼

X  

BUV26 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BUV26
Description  Switchmode Series NPN Silicon Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUV26 Datasheet(HTML) 2 Page - ON Semiconductor

  BUV26 Datasheet HTML 1Page - ON Semiconductor BUV26 Datasheet HTML 2Page - ON Semiconductor BUV26 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BUV26
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage
(IC = 200 mA, IB = 0, L = 25 mH)
VCEO(sus)
90
−
Vdc
Collector Cutoff Current at Reverse Bias
(VCE = 180 V, VBE = −1.5 V, TC = 125°C)
ICEX
−
1.0
mAdc
Emitter Base Reverse Voltage
(IE = 50 mA)
VEBO
7.0
30
V
Emitter Cutoff Current
(VEB = 5.0 V)
IEBO
−
1.0
mAdc
Collector Cutoff Current
(VCE = 180 V, RBE = 50 W, TC = 125°C)
ICER
−
3.0
mAdc
ON CHARACTERISTICS
Collector−Emitter Saturation Voltage
(IC = 6.0 A, IB = 0.4 A)
(IC = 12 A, IB = 1.2 A)
VCE(sat)
−
−
0.6
1.5
Vdc
Base−Emitter Saturation Voltage
(IC = 12 A, IB = 1.2 A)
VBE(sat)
−
2.0
Vdc
SWITCHING CHARACTERISTICS (Resistive Load)
Turn On Time
IC = 12 A, IB = 1.2 A
ton
−
0.6
ms
Storage Time
VCC = 50 V, VBE = 6.0 V
ts
−
1.0
Fall Time
RB2 = 2.5 W
tf
−
0.15
SWITCHING CHARACTERISTICS (Inductive Load)
Storage Time
VCC = 50 V, IC = 12 A
IB(end) = 1.2 A, VB = 5.0 V
LB = 0.5 pH, TJ = 125°C
Ts
−
2.0
ms
Fall Time
Tf
−
.15
1. Pulse Test: Pulse width p 300 ms; Duty cycle p 2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com