Electronic Components Datasheet Search
  English  ▼

X  

MBD101G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBD101G
Description  Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBD101G Datasheet(HTML) 2 Page - ON Semiconductor

  MBD101G Datasheet HTML 1Page - ON Semiconductor MBD101G Datasheet HTML 2Page - ON Semiconductor MBD101G Datasheet HTML 3Page - ON Semiconductor MBD101G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBD101, MMBD101LT1
http://onsemi.com
2
TYPICAL CHARACTERISTICS
(TA = 25°C unless noted)
Figure 1. Reverse Leakage
TA, AMBIENT TEMPERATURE (°C)
Figure 2. Forward Voltage
VF, FORWARD VOLTAGE (VOLTS)
Figure 3. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
Figure 4. Noise Figure
PLO, LOCAL OSCILLATOR POWER (mW)
0.1
0.2
0.5
2.0
1.0
10
11
3.0
0
1.0
2.0
3.0
4.0
1.0
0.9
0.8
0.7
0.6
0.3
0.4
100
0.1
30
40
50
60
70
80
100
0.1
130
110
120
90
0.07
0.05
0.02
1.0
2.0
0.5
0.6
0.7
0.01
1.0
0.7
0.5
10
1.0
Figure 5. Noise Figure Test Circuit
UHF
NOISE SOURCE
H.P. 349A
DIODE IN
TUNED
MOUNT
LOCAL
OSCILLATOR
IF AMPLIFIER
NF = 1.5 dB
f = 30 MHz
NOISE
FIGURE METER
H.P. 342A
NOTES ON TESTING AND SPECIFICATIONS
Note 1 — CD is measured using a capacitance bridge (Boonton
Electronics Model 75A or equivalent).
Note 2 — Noise figure measured with diode under test in tuned
diode mount using UHF noise source and local oscillator
(LO) frequency of 1.0 GHz. The LO power is adjusted
for 1.0 mW. IF amplifier NF = 1.5 dB, f = 30 MHz, see
Figure 5.
Note 3 — LS is measured on a package having a short instead of a
die, using an impedance bridge (Boonton Radio Model
250A RX Meter).
0.2
VR = 3.0 V
5.0
4.0
7.0
6.0
9.0
8.0
10
LOCAL OSCILLATOR FREQUENCY = 1.0 GHz
(TEST CIRCUIT IN FIGURE 5)
5.0
TA = 25°C
TA = −40°C
TA = 85°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com