Electronic Components Datasheet Search
  English  ▼

X  

MBRF2045CT Datasheet(PDF) 5 Page - ON Semiconductor

Part # MBRF2045CT
Description  SWITCHMODE Power Rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRF2045CT Datasheet(HTML) 5 Page - ON Semiconductor

  MBRF2045CT Datasheet HTML 1Page - ON Semiconductor MBRF2045CT Datasheet HTML 2Page - ON Semiconductor MBRF2045CT Datasheet HTML 3Page - ON Semiconductor MBRF2045CT Datasheet HTML 4Page - ON Semiconductor MBRF2045CT Datasheet HTML 5Page - ON Semiconductor MBRF2045CT Datasheet HTML 6Page - ON Semiconductor MBRF2045CT Datasheet HTML 7Page - ON Semiconductor MBRF2045CT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MBR2045CT, MBRF2045CT
http://onsemi.com
5
0.01
0.1
1.0
10
100
0.05
0.03
0.02
0.01
0.1
t, TIME (ms)
0.5
0.3
0.2
1.0
Ppk
Ppk
tp
t1
TIME
DUTY CYCLE, D = tp/t1
PEAK POWER, Ppk, is peak of an
equivalent square power pulse.
DTJL = Ppk • RqJL [D + (1 - D) • r(t1 + tp) + r(tp) - r(t1)] where:
DTJL = the increase in junction temperature above the lead temperature.
r(t) = normalized value of transient thermal resistance at time, t, i.e.:
r(t1 + tp) = normalized value of transient thermal resistance at time,
t1 + tp, etc.
1000
Figure 9. Thermal Response for MBR2045CT
0.07
0.7
Figure 10. Thermal Response Junction−to−Ambient for MBRF2045CT
0.1
100
0.001
1.0
10
100
1000
0.1
0.000001
D = 0.5
0.1
0.05
0.01
SINGLE PULSE
0.2
0.02
1.0
0.01
0.01
0.001
0.0001
0.00001
10
t1, TIME (sec)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
Figure 11. Thermal Response Junction−to−Case for MBRF2045CT
t1, TIME (sec)
0.1
10
0.001
1.0
10
100
1000
0.1
0.000001
D = 0.5
0.1
0.05
0.01
SINGLE PULSE
0.2
0.02
1.0
0.01
0.01
0.001
0.0001
0.00001
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com