Electronic Components Datasheet Search
  English  ▼

X  

MBRB20100CT Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBRB20100CT
Description  SWITCHMODE Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRB20100CT Datasheet(HTML) 1 Page - ON Semiconductor

  MBRB20100CT Datasheet HTML 1Page - ON Semiconductor MBRB20100CT Datasheet HTML 2Page - ON Semiconductor MBRB20100CT Datasheet HTML 3Page - ON Semiconductor MBRB20100CT Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2009
May, 2009 − Rev. 8
1
Publication Order Number:
MBRB20100CT/D
MBRB20100CT
SWITCHMODEt
Power Rectifier
D2PAK Surface Mount Power Package
The D2PAK Power Rectifier is a state−of−the−art device that
employs the use of the Schottky Barrier principle with a platinum
barrier metal.
Features
• Package Designed for Power Surface Mount Applications
• Center−Tap Configuration
• Guardring for Stress Protection
• Low Forward Voltage
• 175°C Operating Junction Temperature
• Epoxy Meets UL 94 V−0 @ 0.125 in
• Short Heat Sink Tab Manufactured − Not Sheared!
• Similar in Size to Industry Standard TO−220 Package
• Pb−Free Packages are Available
Mechanical Characteristics
• Case: Epoxy, Molded, Epoxy Meets UL 94 V−0
• Weight: 1.4 Grams (Approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
• Device Meets MSL1 Requirements
• ESD Ratings: Machine Model, C >400 V
Human Body Model, 3B >8000 V
MAXIMUM RATINGS (Per Leg)
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Average Rectified Forward Current
(Rated VR, TC = 110°C) Total Device
IF(AV)
10
20
A
Peak Repetitive Forward Current (Rated
VR, Square Wave, 20 kHz, TC = 100°C)
IFRM
20
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions
Halfwave, Single Phase, 60 Hz)
IFSM
150
A
Peak Repetitive Reverse Surge Current
(2.0 ms, 1.0 kHz)
IRRM
0.5
A
Storage Temperature Range
Tstg
−65 to +175
°C
Operating Junction Temperature (Note 1)
TJ
−65 to +175
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/ms
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. The heat generated must be less than the thermal conductivity from
Junction−to−Ambient: dPD/dTJ < 1/RqJA.
D2PAK
CASE 418B
STYLE 3
3
4
1
SCHOTTKY BARRIER
RECTIFIER
20 AMPERES
100 VOLTS
1
3
4
MARKING DIAGRAM
http://onsemi.com
AY
WW
B20100G
AKA
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
A
= Assembly Location
Y
= Year
WW
= Work Week
B20100 = Device Code
G
= Pb−Free Package
AKA
= Diode Polarity


Similar Part No. - MBRB20100CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRB20100CT MOTOROLA-MBRB20100CT Datasheet
105Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
logo
Diodes Incorporated
MBRB20100CT DIODES-MBRB20100CT Datasheet
58Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30177 Rev. B-2
logo
Micro Commercial Compon...
MBRB20100CT MCC-MBRB20100CT Datasheet
96Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
International Rectifier
MBRB20100CT IRF-MBRB20100CT Datasheet
206Kb / 7P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBRB20100CT VISHAY-MBRB20100CT Datasheet
113Kb / 3P
Dual High-Voltage Schottky Rectifiers
02-Jul-02
More results

Similar Description - MBRB20100CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR220 ONSEMI-MUR220 Datasheet
52Kb / 6P
SWITCHMODE Power Rectifier
April, 2003 - Rev. 4
MBR3045PT ONSEMI-MBR3045PT Datasheet
64Kb / 4P
SWITCHMODE Power Rectifier
February, 2006 ??Rev. 3
MBR16100CT ONSEMI-MBR16100CT Datasheet
124Kb / 5P
SWITCHMODE Power Rectifier
May, 2008 ??Rev. 5
MBRB3030CTL ONSEMI-MBRB3030CTL Datasheet
91Kb / 8P
SWITCHMODE Power Rectifier
August, 2005 ??Rev. 6
MBR3045ST ONSEMI-MBR3045ST_11 Datasheet
106Kb / 5P
SWITCHMODE??Power Rectifier
January, 2011 ??Rev. 8
MBR7030WT ONSEMI-MBR7030WT_10 Datasheet
123Kb / 4P
SWITCHMODE Power Rectifier
March, 2010 ??Rev. 3
MBRD835L ONSEMI-MBRD835L_10 Datasheet
113Kb / 5P
SWITCHMODE Power Rectifier
July, 2010 ??Rev. 9
MURF1660CT ONSEMI-MURF1660CT_07 Datasheet
83Kb / 4P
SWITCHMODE Power Rectifier
June, 2007 - Rev. 5
MURD620CT ONSEMI-MURD620CT_11 Datasheet
101Kb / 4P
SWITCHMODE Power Rectifier
January, 2011 ??Rev. 9
NRVBB4030T4G ONSEMI-NRVBB4030T4G Datasheet
144Kb / 6P
SWITCHMODE Power Rectifier
January, 2012 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com