Electronic Components Datasheet Search
  English  ▼

X  

6N135 Datasheet(PDF) 4 Page - Sharp Corporation

Part # 6N135
Description  General Purpose Type Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

6N135 Datasheet(HTML) 4 Page - Sharp Corporation

  6N135 Datasheet HTML 1Page - Sharp Corporation 6N135 Datasheet HTML 2Page - Sharp Corporation 6N135 Datasheet HTML 3Page - Sharp Corporation 6N135 Datasheet HTML 4Page - Sharp Corporation 6N135 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
5
10
30
25
20
15
0
125
100
75
50
25
0
-55
Ambient Temperature
Ambient temperature T a (˚C)
Fig. 1 Forward Current vs.
0
120
-40
P
0
25
50
75
100
125
100
80
60
20
40
70
45
Fig. 2 Power Dissipation vs.
Ambient Temperature
Ambient temperature T a (˚C)
50˚C
25˚C
70˚C
1.0
0.01
0.1
1
10
100
1.2
1.4
1.6
1.8
2.0
2.2
Forward voltage V F (V)
Forward Voltage
Fig. 3 Forward Current vs.
0
0.1
CTR = 100% at
50
100
150
1
10
100
Forward Current
Forward current I F ( mA )
Fig. 4 Relative Current Transfer Ratio vs.
0
0
2
2
Dotted line shows
4
6
8
10
12
14
16
18
20
4
6
8
10
12
14
pulse characteristics
20mA
15mA
10mA
5mA
20
16
18
Output voltage VO (V)
Fig. 5 Output Current vs. Output Voltage
80
60
70
90
100
110
0
20
40
60
80
100
Ambient Temperature
Fig. 6 Relative Current Transfer Ratio vs.
Ambient temperature T a (˚C)
-60
- 40
-20
P O
Ta =0˚C
IF = 16mA
Ta =25 ˚C
VO = 0.4V
VCC =5V
Ta =25 ˚C
VCC =5V
IF = 25mA
IF = 16mA
VO = 0.4V
VCC =5V
CTR = 100 % at T a =25 ˚C
6N135/6N136



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com