Electronic Components Datasheet Search
  English  ▼

X  

6N138 Datasheet(PDF) 4 Page - Sharp Corporation

Part # 6N138
Description  High Sensitivity, High Speed OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

6N138 Datasheet(HTML) 4 Page - Sharp Corporation

  6N138 Datasheet HTML 1Page - Sharp Corporation 6N138 Datasheet HTML 2Page - Sharp Corporation 6N138 Datasheet HTML 3Page - Sharp Corporation 6N138 Datasheet HTML 4Page - Sharp Corporation 6N138 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
6N138
200
0.1
1
10
100
800
600
400
25˚C
0˚C
Fig. 5 Current Transfer Ratio vs.
Forward Current
Forward current I F ( mA )
0.004
0.01
100
50
10
1
0.1
10
1
0.1
0.01
0˚C
25˚C
Fig. 6 Output Current vs. Forward Current
Forward current I F ( mA )
0
1
2
10
20
30
40
70
060
50
Ambient temperature T a (˚C)
1/f = 100
µ s
0
5
10
10
20
30
40
70
060
50
Ambient temperature T a (˚C)
1/f = 1ms
1
0.1
10
1
10
100
1 000
10 -10
0
10 -9
10
20
30
40
50
60
70
10 -8
10 -7
10 -6
Ambient Temperature
Fig. 9 Logic (1) Supply Current vs.
Ambient temperature T a (˚C)
L ( k Ω )
Ambient Temperature
Fig. 8 Rise Time, Fall Time vs.
Fig. 7-a Propagation Delay Time vs.
Fig. 7-b Propagation Delay Time vs.
Ambient Temperature
Ta = 70˚C
VO = 0.4V
VCC = 4.5V
Ta = 70˚C
VO = 0.4V
VCC = 5.0V
RL= 270 Ω
IF = 12mA
t PHL
t PLH
RL = 4.7kΩ
IF = 0.5mA
t PHL
t PLH
Ta = 25˚C
t f
t r
VO = OPEN
VCC = 15V
IF = 0mA
Adjust I F to V OL =2V
1 000
Load Resistance
Load resistance R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com