Electronic Components Datasheet Search
  English  ▼

X  

HT72B15 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT72B15
Description  High PSRR 300mA LDO Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT72B15 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT72B15 Datasheet HTML 1Page - Holtek Semiconductor Inc HT72B15 Datasheet HTML 2Page - Holtek Semiconductor Inc HT72B15 Datasheet HTML 3Page - Holtek Semiconductor Inc HT72B15 Datasheet HTML 4Page - Holtek Semiconductor Inc HT72B15 Datasheet HTML 5Page - Holtek Semiconductor Inc HT72B15 Datasheet HTML 6Page - Holtek Semiconductor Inc HT72B15 Datasheet HTML 7Page - Holtek Semiconductor Inc HT72B15 Datasheet HTML 8Page - Holtek Semiconductor Inc HT72B15 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev. 1.00
1
August 24, 2011
Rev. 0.00
PB
August 24, 2011
HT72Bxx
High PSRR 300mA LDO Regulator
Features
• OutputVoltage:1.5V/1.8V/2.5V/2.8V/
3.0V/3.3V/5V
• HighOutputVoltageAccuracy:±2%
• HT72B25LowVoltageDrop:0.34V(Typ.)
(VOUT=2.5V@IOUT=300mA)
• MaximumInputVoltage:7.0V
• GuaranteedOutputCurrent:300mA
• LowPowerConsumption:18uA(Typ.)
• HighRippleRejection:70dB(1kHz@IOUT=30mA)
• Power-savingShutdownMode
• OverTemperatureProtection
• CurrentLimiting
• SOT23-5,SOT89Package
Applications
• Portablecommunicationequipment
• Portablemusicplayer
• Electricalappliancessuchascameras,VCRsand
camcorders
• Battery-poweredequipment
General Description
The HT72Bxx series are CMOS-based voltage
regulatorICswithhighoutputvoltageaccuracy,low
quiescentcurrent,lowonResistance,andhighripple
rejection.EachoftheseICsconsistsofavoltage
referenceunit,anerroramplifier,resistor-netfor
voltagesetting,acurrentlimitcircuit,achipenable
circuit,andsoon.
TheHT72Bxx’scurrentlimiters'foldbackcircuit
alsooperatesasashortcircuitprotectfunctionforthe
outputcurrentlimiter.
TheseICsperformwithlowdropoutvoltageandthe
chip-enablefunction.ThequiescentcurrentofthisIC
isonly18μA,andthelinetransientresponseandthe
loadtransientresponseofHT72Bxxareexcellent,
thustheseICsareverysuitableforthepowersupply
forhand-heldcommunicationequipment.
Thespace-savingSOT23-5,SOT89packagewillbe
anattractiveadditionalfeatureforpocketandhand-
heldapplications.
Selection Table
Part No.
Output Voltage
Tolerance
Package
HT72B15
1.5V
±2%
SOT23-5
SOT89
HT72B18
1.8V
HT72B25
2.5V
HT72B28
2.8V
HT72B30
3.0V
HT72B33
3.3V
HT72B50
5.0V


Similar Part No. - HT72B15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7218 HOLTEK-HT7218 Datasheet
128Kb / 12P
300mA TinyPowerTM LDO
June 20, 2007
HT7225 HOLTEK-HT7225 Datasheet
128Kb / 12P
300mA TinyPowerTM LDO
June 20, 2007
HT7227 HOLTEK-HT7227 Datasheet
128Kb / 12P
300mA TinyPowerTM LDO
June 20, 2007
HT7230 HOLTEK-HT7230 Datasheet
358Kb / 10P
General Purpose Regulator
September 9, 1999
HT7230 HOLTEK-HT7230 Datasheet
128Kb / 12P
300mA TinyPowerTM LDO
June 20, 2007
More results

Similar Description - HT72B15

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1253 YOBON-YB1253 Datasheet
476Kb / 11P
300mA, Low Power, High PSRR LDO Regulator
logo
Holtek Semiconductor In...
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
High PSRR 300mA Dual LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Pericom Semiconductor C...
PT7M8216 PERICOM-PT7M8216 Datasheet
369Kb / 11P
300mA, High PSRR, Tiny package, LDO Regulator
PT7M8218 PERICOM-PT7M8218 Datasheet
409Kb / 11P
300mA, High PSRR, LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
300mA Output,High PSRR,Low Noise LDO Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
300mA High PSRR Low Noise, Adjustable LDO Regulator
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
300mA, High PSRR, Low Noise LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
300mA, High PSRR, Low Noise, Adjustable LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com