Electronic Components Datasheet Search
  English  ▼

X  

MJD50 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJD50
Description  High Voltage Power Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD50 Datasheet(HTML) 2 Page - ON Semiconductor

  MJD50 Datasheet HTML 1Page - ON Semiconductor MJD50 Datasheet HTML 2Page - ON Semiconductor MJD50 Datasheet HTML 3Page - ON Semiconductor MJD50 Datasheet HTML 4Page - ON Semiconductor MJD50 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MJD47, MJD50
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 2)
MJD47
(IC = 30 mAdc, IB = 0)
MJD50
VCEO(sus)
250
400
−
−
Vdc
Collector Cutoff Current
(VCE = 150 Vdc, IB = 0)
MJD47
(VCE = 300 Vdc, IB = 0)
MJD50
ICEO
−
−
0.2
0.2
mAdc
Collector Cutoff Current
(VCE = 350 Vdc, VBE = 0)
MJD47
(VCE = 500 Vdc, VBE = 0)
MJD50
ICES
−
−
0.1
0.1
mAdc
Emitter Cutoff Current
(VBE = 5 Vdc, IC = 0)
IEBO
−
1
mAdc
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = 0.3 Adc, VCE = 10 Vdc)
(IC = 1 Adc, VCE = 10 Vdc)
hFE
30
10
150
−
−
Collector−Emitter Saturation Voltage
(IC = 1 Adc, IB = 0.2 Adc)
VCE(sat)
−
1
Vdc
Base−Emitter On Voltage
(IC = 1 Adc, VCE = 10 Vdc)
VBE(on)
−
1.5
Vdc
DYNAMIC CHARACTERISTICS
Current Gain — Bandwidth Product
(IC = 0.2 Adc, VCE = 10 Vdc, f = 2 MHz)
fT
10
−
MHz
Small−Signal Current Gain
(IC = 0.2 Adc, VCE = 10 Vdc, f = 1 kHz)
hfe
25
−
−
2. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2%.
25
25
Figure 1. Power Derating
T, TEMPERATURE (
°C)
0
50
75
100
125
150
20
15
10
5
Figure 2. Switching Time Equivalent Circuit
APPROX
+11 V
RB
-4 V
t1
SCOPE
VCC
RC
51
RB and RC VARIED TO OBTAIN
DESIRED CURRENT LEVELS.
2.5
0
2
1.5
1
0.5
TA TC
TC
DUTY CYCLE
≈ 2%
APPROX -9 V
t1 ≤ 7 ns
10 < t2 < 500 ms
t3 < 15 ns
Vin 0
Cjd << Ceb
Vin
t2
t3
APPROX
+11 V
Vin
TURN-ON PULSE
TA (SURFACE MOUNT)
VEB(off)
TURN-OFF PULSE
TYPICAL CHARACTERISTICS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com