Electronic Components Datasheet Search
  English  ▼

X  

MJD41C Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJD41C
Description  Complementary Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD41C Datasheet(HTML) 3 Page - ON Semiconductor

  MJD41C Datasheet HTML 1Page - ON Semiconductor MJD41C Datasheet HTML 2Page - ON Semiconductor MJD41C Datasheet HTML 3Page - ON Semiconductor MJD41C Datasheet HTML 4Page - ON Semiconductor MJD41C Datasheet HTML 5Page - ON Semiconductor MJD41C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJD41C (NPN) MJD42C (PNP)
http://onsemi.com
3
6
0.06
IC, COLLECTOR CURRENT (AMP)
0.2
0.4
4
20
7
500
VCE = 2 V
TJ = 150°C
70
0.3
1
25
°C
-55
°C
10
0.1
0.6
2
6
25
25
Figure 1. Power Derating
T, TEMPERATURE (
°C)
0
50
75
100
125
150
15
10
TC
5
20
Figure 2. Switching Time Test Circuit
IC, COLLECTOR CURRENT (AMP)
0.1
5
3
2
1
ts
0.7
0.5
0.3
0.2
tf
2
IC, COLLECTOR CURRENT (AMP)
TJ = 25°C
VCC = 30 V
IC/IB = 10
1
0.7
0.5
0.3
0.2
tr
0.1
0.07
0.05
0.03
td @ VBE(off) ≈ 5 V
Figure 3. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
1.2
0.8
2
1.6
0.4
0
VBE(sat) @ IC/IB = 10
2.5
0
1.5
1
TA
0.5
2
300
200
100
50
30
5
0.02
0.06
0.2
0.4
4
1
0.1
0.6
2
6
TJ = 25°C
VCC = 30 V
IC/IB = 10
IB1 = IB2
0.06
0.2
0.4
4
0.3
1
0.1
0.6
2
6
0.06
0.2
0.4
4
1
0.1
0.6
2
Figure 4. Turn−On Time
Figure 5. “On” Voltages
Figure 6. Turn−Off Time
TJ = 25°C
VBE @ VCE = 4 V
VCE(sat) @ IC/IB = 10
+11 V
25
ms
0
-9 V
RB
-4 V
D1
SCOPE
VCC
+30 V
RC
tr, tf ≤ 10 ns
DUTY CYCLE = 1%
51
RB and RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1 MUST BE FAST RECOVERY TYPE, e.g.:
MSB5300 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
REVERSE ALL POLARITIES FOR PNP.
3
TC
TA SURFACE MOUNT
0.07
0.05
TYPICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com