Electronic Components Datasheet Search
  English  ▼

X  

MJD210 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJD210
Description  Complementary Plastic Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD210 Datasheet(HTML) 2 Page - ON Semiconductor

  MJD210 Datasheet HTML 1Page - ON Semiconductor MJD210 Datasheet HTML 2Page - ON Semiconductor MJD210 Datasheet HTML 3Page - ON Semiconductor MJD210 Datasheet HTML 4Page - ON Semiconductor MJD210 Datasheet HTML 5Page - ON Semiconductor MJD210 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJD200 (NPN) MJD210 (PNP)
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
10
°C/W
Thermal Resistance, Junction−to−Ambient (Note 2)
RqJA
89.3
°C/W
2. These ratings are applicable when surface mounted on the minimum pad sizes recommended.
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 3), (IC = 10 mAdc, IB = 0)
VCEO(sus)
25
−
Vdc
Collector Cutoff Current
(VCB = 40 Vdc, IE = 0)
(VCB = 40 Vdc, IE = 0, TJ = 125°C)
VCBO
−
−
100
100
nAdc
mAdc
Emitter Cutoff Current (VBE = 8 Vdc, IC = 0)
VEBO
−
100
nAdc
ON CHARACTERISTICS
DC Current Gain (Note 3),
(IC = 500 mAdc, VCE = 1 Vdc)
(IC = 2 Adc, VCE = 1 Vdc)
(IC = 5 Adc, VCE = 2 Vdc)
hFE
70
45
10
−
180
−
−
Collector−Emitter Saturation Voltage (Note 3)
(IC = 500 mAdc, IB = 50 mAdc)
(IC = 2 Adc, IB = 200 mAdc)
(IC = 5 Adc, IB = 1 Adc)
VCE(sat)
−
−
−
0.3
0.75
1.8
Vdc
Base−Emitter Saturation Voltage (Note 3), (IC = 5 Adc, IB = 1 Adc)
VBE(sat)
−
2.5
Vdc
Base−Emitter On Voltage (Note 3), (IC = 2 Adc, VCE = 1 Vdc)
VBE(on)
−
1.6
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product (Note 4)
(IC = 100 mAdc, VCE = 10 Vdc, ftest = 10 MHz)
fT
65
−
MHz
Output Capacitance
MJD200
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
MJD210
Cob
−
−
80
120
pF
3. Pulse Test: Pulse Width = 300 ms, Duty Cycle [ 2%.
4. fT = ⎪hfe⎪• ftest.
ORDERING INFORMATION
Device
Package Type
Shipping†
MJD200G
DPAK
(Pb−Free)
75 Units / Rail
MJD200RLG
DPAK
(Pb−Free)
1800 / Tape & Reel
MJD200T4G
DPAK
(Pb−Free)
2500 / Tape & Reel
MJD210G
DPAK
(Pb−Free)
75 Units / Rail
MJD210RLG
DPAK
(Pb−Free)
1800 / Tape & Reel
MJD210T4
DPAK
2500 / Tape & Reel
MJD210T4G
DPAK
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com