Electronic Components Datasheet Search
  English  ▼

X  

10CUFE1 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 10CUFE1
Description  Compact 1U Height Switched Power Entry Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

10CUFE1 Datasheet(HTML) 3 Page - Tyco Electronics

  10CUFE1 Datasheet HTML 1Page - Tyco Electronics 10CUFE1 Datasheet HTML 2Page - Tyco Electronics 10CUFE1 Datasheet HTML 3Page - Tyco Electronics 10CUFE1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Compact 1U Height Switched Power Entry Module (continued)
136
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
CU Series
Case Styles (continued)
CUBE1 Pre-Connected Terminals
Recommended Panel Cutout
E
D
F
R. Max
Part No.
A
B
CD
E
F









CUFE1












CUFF1












CUFS1










CUE1,
CUBE1












CUS1,
CUBS1










10CUS1,
10CUBS1










15CUS1,
15CUBS1










Case Dimensions
GA400: NEMA 5-15P to IEC 60320-1 C-13 line cord
Accessories
A
C
B









CU10S1 & CU15S1
CUBS1 Pre-Connected Terminals
CU10BS1 & CU15BS1
Pre-Connected Terminals






















Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com