Electronic Components Datasheet Search
  English  ▼

X  

6CUFF1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 6CUFF1
Description  Compact 1U Height Switched Power Entry Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6CUFF1 Datasheet(HTML) 1 Page - Tyco Electronics

  6CUFF1 Datasheet HTML 1Page - Tyco Electronics 6CUFF1 Datasheet HTML 2Page - Tyco Electronics 6CUFF1 Datasheet HTML 3Page - Tyco Electronics 6CUFF1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Compact 1U Height Switched Power Entry Module
134
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
CU Series
CU Series
UL Recognized
CSA Certified
VDE Approved*
• Designed for popular 1U (1 ¾”) height rack
mounted equipment
• Two function power entry module combining
a SPST switch and an IEC 60320-1 inlet
• Snap–in, flange and flush mounting
• Reduce OEM wiring time with optional
pre–connected line and switch terminals
Ordering Information
15 CU 10 B S 1
Output Styles
1 – .187 [4.8] spade terminals
Mounting Styles
E – Flange Mount (Horizontal)
F – Flush Mount (Filtered only)
S – Snap–in
Filter Type or Terminal Option
F – General purpose
B – No filter, includes
pre–connected terminals
Omit if none
Side Snap–in Option
Non-filtered versions only
10 – Side snaps 1.0mm max. panel
15 – Side snaps 1.5mm max. panel
Omit for none or
standard configuration
CU Series
Current Rating
1, 3, 6, 10 or 15A
Specifications
Maximum leakage current each Line to Ground:
Filtered
Unfiltered
@ 120 VAC 60 Hz:
.25 mA
2
A
@250 VAC 50 Hz:
.40 mA
5
A
Hipot rating (one minute):
Line to Ground:
2250 VDC
Line to Line:
1450 VDC
Operating Voltage:
120/250 VAC
Operating Frequency:
50/60 Hz
Rated Current:
1 to 15A*
Switch:
50A inrush capable SPST
Terminal Push–on Force:
15 lb. / 67N (max.)
*15A versions are tested by Underwriters Laboratories
to US and Canadian requirements and are
VDE approved at 10A, 250VAC
6CUFS1
15CUE1
Available Part Numbers
Filtered Versions
1CUFE1
1CUFF1
1CUFS1
3CUFE1
3CUFF1
3CUFS1
6CUFE1
6CUFF1
6CUFS1
10CUFE1
10CUFF1
10CUFS1
15CUFE1
15CUFF1
15CUFS1
Non–filtered Versions
Standard Terminals
Pre-connected Terminals
15CUE1
15CUBE1
15CUS1
15CUBS1
15CU10S1
15CU10BS1
15CU15S1
15CU15BS1


Similar Part No. - 6CUFF1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6CUT04 VISHAY-6CUT04 Datasheet
140Kb / 8P
High Performance Schottky Generation 5.0, 2 x 3 A
03-Nov-11
logo
Inchange Semiconductor ...
6CUT04 ISC-6CUT04 Datasheet
294Kb / 2P
Schottky Rectifier
6CUT10 ISC-6CUT10 Datasheet
294Kb / 2P
Schottky Rectifier
logo
Vishay Siliconix
6CUT10-E VISHAY-6CUT10-E Datasheet
155Kb / 9P
High Performance Schottky Generation 5.0, 2 x 3 A
05-Jan-11
6CUT10-E VISHAY-6CUT10-E Datasheet
136Kb / 8P
High Performance Schottky Generation 5.0, 2 x 3 A
03-Nov-11
More results

Similar Description - 6CUFF1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN281-6-06 ETC2-FN281-6-06 Datasheet
917Kb / 5P
Compact Filtered Power Entry Module
EFRD-PA40 ETC2-EFRD-PA40 Datasheet
431Kb / 2P
1400W 1U Redundant Power Module
EFRP-G55A ETC2-EFRP-G55A Datasheet
341Kb / 2P
550W CRPS 1U Redundant Power Module
EFRP-G753 ETC2-EFRP-G753 Datasheet
163Kb / 2P
1U 750W Redundant Power Module
logo
Schurter Inc.
DG12-IP40 SCHURTER-DG12-IP40 Datasheet
444Kb / 1P
Power Entry Module
DG12-IP65 SCHURTER-DG12-IP65 Datasheet
438Kb / 1P
Power Entry Module
logo
Schaffner International...
FN-280 SCHAFFNER-FN-280 Datasheet
535Kb / 5P
Compact filtered power entry module
FN-9280 SCHAFFNER-FN-9280 Datasheet
3Mb / 9P
Ultra Compact and Versatile Filtered Power Entry Module
FN-9290 SCHAFFNER-FN-9290 Datasheet
2Mb / 7P
Ultra Compact and Versatile Filtered Power Entry Module
logo
WAGO Kontakttechnik Gmb...
787-2850 WAGO-787-2850 Datasheet
324Kb / 7P
Switched-mode power supply; Compact; 1-phase
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com