Electronic Components Datasheet Search
  English  ▼

X  

6EBH1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 6EBH1
Description  Cost-effective EMI Power Inlet Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6EBH1 Datasheet(HTML) 1 Page - Tyco Electronics

  6EBH1 Datasheet HTML 1Page - Tyco Electronics 6EBH1 Datasheet HTML 2Page - Tyco Electronics 6EBH1 Datasheet HTML 3Page - Tyco Electronics 6EBH1 Datasheet HTML 4Page - Tyco Electronics 6EBH1 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EEA & EEB Series
Cost-effective EMI Power Inlet Filter
148
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
• Compact single stage EMI filter with IEC 60320-1
C14 inlet
• Two element circuit provides basic attenuation
• Same performance as the EF Series
• Available in three terminal configurations
• Supersedes EF Series
• Same performance as EEA and EEB Series
• Snap–in mounting
• Spade terminals
• Same size as EEA and EEB
• Minimal leakage current suitable for medical
applications
• Flange mounted
• Spade terminals
• Compact EMI filter with IEC 60320-1 C14 inlet
• Two element circuit provides extended
attenuation
• Extended differential mode performance
• Available in three terminal configurations
EEB Series
EAH & EBH Models
EAS & EBS Models
EEA Series
UL Recognized
CSA Certified
VDE Approved
Maximum leakage current each Line to Ground:
EEA/EEB
EAS/EBS
EAH/EBH
@ 120 VAC 60 Hz:
.22 mA
2
A
@ 250 VAC 50 Hz:
.38 mA
5
A
Hipot rating (one minute):
Line to Ground:
2250 VDC
Line to Line:
1450 VDC
Rated Voltage (max.):
250 VAC
Operating Frequency:
50/60 Hz
Rated Current:
1 to 10A
Operating Ambient Temperature Range
(at rated current Ir):
-10°C to +40°C
In an ambient temperature (Ta) higher than +40°C
the maximum operating current (Io) is calculated as
follows: Io = Ir (85-Ta)/45
Specifications
Electrical Schematic
LINE
LOAD
1
Note 1: Not present in EAH / EBH Versions
1
EEAP / EEBP
EEA2 / EEB2
EEA1 / EEB1
Note 1: Not present in EAH / EBH versions
Including the EAS/EBS and EAH/EBH Models


Similar Part No. - 6EBH1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6EBH1 MACOM-6EBH1 Datasheet
301Kb / 2P
For UL544 Health Care Equipment
More results

Similar Description - 6EBH1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1EC1 MACOM-1EC1_11 Datasheet
243Kb / 3P
High Performance EMI Power Inlet Filter
1ED1 MACOM-1ED1_11 Datasheet
255Kb / 4P
Medium Performance Compact EMI Power Inlet Filter
1EEJ1 MACOM-1EEJ1_11 Datasheet
853Kb / 7P
Cost-effective Medium Performance Power Inlet Filter
1EF1F MACOM-1EF1F_11 Datasheet
245Kb / 3P
EMI Power Inlet Filter
logo
Ferroxcube Internationa...
4S2F FERROXCUBE-4S2F Datasheet
1Mb / 6P
The cost effective EMI suppression alternative
logo
TE Connectivity Ltd
EEJ TEC-EEJ Datasheet
853Kb / 7P
Cost-effective Medium Performance Power Inlet Filter
EC1 TEC-EC1 Datasheet
243Kb / 3P
High Performance EMI Power Inlet Filter
ED1 TEC-ED1 Datasheet
255Kb / 4P
Medium Performance Compact EMI Power Inlet Filter
EEA TEC-EEA Datasheet
373Kb / 5P
Cost-effective EMI Power Inlet Filter
SRB TEC-SRB Datasheet
755Kb / 5P
Minimum Depth, Cost-effective Shielded Power Inlet Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com