Electronic Components Datasheet Search
  English  ▼

X  

4611 Datasheet(PDF) 10 Page - 3M Electronics

Part # 4611
Description  VHB™ Tapes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4611 Datasheet(HTML) 10 Page - 3M Electronics

Back Button 4611 Datasheet HTML 2Page - 3M Electronics 4611 Datasheet HTML 3Page - 3M Electronics 4611 Datasheet HTML 4Page - 3M Electronics 4611 Datasheet HTML 5Page - 3M Electronics 4611 Datasheet HTML 6Page - 3M Electronics 4611 Datasheet HTML 7Page - 3M Electronics 4611 Datasheet HTML 8Page - 3M Electronics 4611 Datasheet HTML 9Page - 3M Electronics 4611 Datasheet HTML 10Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
- 10 -
3M™ VHB™ Tapes
If the 3M™ VHB™ Tape is proved to be defective within the warranty period stated above. THE EXCLUSIVE
REMEDY, AT 3M’S OPTION, SHALL BE TO REFUND THE PURCHASE PRICE OF OR TO REPAIR OR
REPLACE THE DEFECTIVE 3M™ VHB™ TAPE. 3M shall not otherwise be liable for loss or damages,
whether direct, indirect, special, incidental, or consequential, regardless of the legal theory asserted,
including negligence, warranty, or strict liability.
Limitation of
Remedies and
Liability
3M and VHB are trademarks of 3M Company.
Kapton and Tedlar are registered trademarks of
E.I. Dupont De Nemours & Co. Inc.
Kynar is a registered trademark of Arkema.
Lexan and Noryl are registered trademarks of Sabic
Innovative Plastics IP BV.
Polane is a registered trademark of Swimc, Inc.
Printed in U.S.A.
©3M 2011
70-0709-3863-7
(6/11)
Recycled Paper
40% pre-consumer
10% post-consumer
Special Cases:
Rough Surfaces with 3M™ VHB™ Tapes 4932/4952 – 3M™ VHB™ Tapes 4932/4952 were designed to
adhere to many low surface energy substrates. Rough surfaces created by light abrasion or textured molds are
typically detrimental to bond strength with this tape family.
Plasticized Vinyl – Plasticizers compounded in soft vinyl can migrate into adhesives and significantly change
their performance characteristics. 3M™ VHB™ Tapes 4941 and 4945 families have very good plasticizer
resistance and adhesion to many vinyl formulations. Because of the wide variation in vinyl formulations,
however, evaluation by the user must be conducted with the specific vinyl used to ensure that performance will
be satisfactory over time. Problems related to plasticizer migration can often be predicted by accelerated aging
of assembled parts at 150°F (66°C) for one week).
3M warrants for 24 months from the date of manufacture that 3M™ VHB™ Tape will be free of defects
in material and manufacture. 3M MAKES NO OTHER WARRANTIES, EXPRESS OR IMPLIED,
INCLUDING BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR
FITNESS FOR A PARTICULAR PURPOSE. This limited warranty does not cover damage resulting
from the use or inability to use 3M™ VHB™ Tape due to misuse, workmanship in application, or
application or storage not in accordance with 3M recommended procedures. AN APPLICATION
WARRANTY EXPRESSLY APPROVED AND ISSUED BY 3M IS AN EXCEPTION. THE CUSTOMER
MUST APPLY FOR A SPECIFIC APPLICATION WARRANTY AND MEET ALL WARRANTY AND
PROCESS REQUIREMENTS TO OBTAIN AN APPLICATION WARRANTY. CONTACT 3M FOR MORE
INFORMATION ON APPLICATION WARRANTY TERMS AND CONDITIONS.
Limited Warranty
3
Industrial Adhesives and Tapes Division
3M Center, Building 225-3S-06
St. Paul, MN 55144-1000
800-362-3550 • 877-369-2923 (Fax)
www.3M.com/vhb
The technical information, recommendations and other statements contained in this document are
based upon tests or experience that 3M believes are reliable, but the accuracy or completeness of such
information is not guaranteed.
Technical Information
Many factors beyond 3M’s control and uniquely within user’s knowledge and control can affect the use
and performance of a 3M product in a particular application. Given the variety of factors that can affect
the use and performance of a 3M product, user is solely responsible for evaluating the 3M product and
determining whether it is fit for a particular purpose and suitable for user’s method of application.
Product Use
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to ISO 9001: 2008 standards.
ISO 9001: 2008



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com