Electronic Components Datasheet Search
  English  ▼

X  

4646 Datasheet(PDF) 5 Page - 3M Electronics

Part # 4646
Description  VHB™ Tapes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4646 Datasheet(HTML) 5 Page - 3M Electronics

  4646 Datasheet HTML 1Page - 3M Electronics 4646 Datasheet HTML 2Page - 3M Electronics 4646 Datasheet HTML 3Page - 3M Electronics 4646 Datasheet HTML 4Page - 3M Electronics 4646 Datasheet HTML 5Page - 3M Electronics 4646 Datasheet HTML 6Page - 3M Electronics 4646 Datasheet HTML 7Page - 3M Electronics 4646 Datasheet HTML 8Page - 3M Electronics 4646 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
4914
White
0.010
1500
500
500
300
(149)
200
(93)
4920
White
0.015
1500
500
500
300
(149)
200
(93)
4929
Black
0.025
1500
500
500
300
(149)
200
(93)
4930 (F)
White
0.025
1500
500
500
300
(149)
200
(93)
4949
Black
0.045
1500
500
500
300
(149)
200
(93)
4950
White
0.045
1500
500
500
300
(149)
200
(93)
4955
White
0.080
1500
1000
750
750
750
400
(204)
300
(149)
4959 (F)
White
0.120
1500
1000
750
750
750
400
(204)
300
(149)
- 5 -
3M™ VHB™ Tapes
Product
Thickness
Family
Number
Color
Inches
4919F
Black
0.025
1000
500
500
300
(149)
200
(93)
4926
Gray
0.015
1000
500
500
300
(149)
200
(93)
4936 (F)
Gray
0.025
1000
500
500
300
(149)
200
(93)
4941 (F)
Gray
0.045
1000
500
500
300
(149)
200
(93)
4947F
Black
0.045
1000
500
500
300
(149)
200
(93)
4956 (F)
Gray
0.062
1000
500
500
300
(149)
200
(93)
4979F
Black
0.062
1000
500
500
300
(149)
200
(93)
4991
Gray
0.090
1000
500
500
250
(121)
200
(93)
Typical Performance
Characteristics
Note: The following technical information and data should be considered
representative or typical only and should not be used for specification purposes.
Temperature Tolerance
Weight (grams) that 1/2 square inch will
hold 10,000 minutes (7 days)
72°F
150°F
200°F
250°F
350°F
(22°C)
(66°C)
(93°C)
(121°C)
(177°C)
5915 (P)
Black
0.016
1000
500
500
250
300
(149)
250
(121)
5925 (P)
Black
0.025
1000
500
500
250
300
(149)
250
(121)
5930 (P)
Black
0.032
1000
500
500
250
300
(149)
250
(121)
5952 (P)
Black
0.045
1000
500
500
250
300
(149)
250
(121)
5958FR
Black
0.040
1000
350
250
300
(149)
200
(93)
5962 (P)
Black
0.062
1000
500
500
250
300
(149)
250
(121)
4945
White
0.045
1500
500
500
300
(149)
200
(93)
4946
White
0.045
1500
500
500
300
(149)
200
(93)
4905
Clear
0.020
1000
500
500
300
(149)
200
(93)
4910
Clear
0.040
1000
500
500
300
(149)
200
(93)
4951
White
0.045
1250
500
500
300
(149)
200
(93)
4943F
Gray
0.045
1000
500
500
300
(149)
200
(93)
4957F
Gray
0.062
1000
500
500
300
(149)
200
(93)
4932
White
0.025
1500
500
200
(93)
160
(71)
4952
White
0.045
1500
500
200
(93)
160
(71)
4611
Dk Gray
0.045
1500
750
750
750
750
450
(232)
300
(149)
4646
Dk Gray
0.025
1500
750
750
750
750
450
(232)
300
(149)
4655
Dk Gray
0.062
1500
750
750
750
750
450
(232)
300
(149)
4618
White
0.025
1000
250
250
250
(121)
200
(93)
4622
White
0.045
1000
250
250
250
(121)
200
(93)
4624
White
0.062
1000
250
250
250
(121)
200
(93)
Static Shear - ASTM D3654 - To stainless steel, tested at various temperatures and gram loadings. 0.5 in2 (3.22 cm2). Will hold listed weight
for 10,000 minutes (approximately 7 days). Conversion: 1500 g/0.5 in2 equals 6.6 lb/in2; 500 g/0.5 in2 = 2.2 lb/in2.
Short Term Temperature Tolerance - No change in room temperature dynamic shear properties following 4 hours conditioning at indicated
temperature with 100 g/static load. (Represents minutes, hours in a process type temperature exposure).
Long Term Temperature Tolerance - Maximum temperature where tape supports at least 250 g load per 0.5 in2 in static shear for 10,000
minutes. (Represents continuous exposure for days or weeks).
Short Term
(Minutes, Hours)
°F
°C
Long Term
(Days, Weeks)
°F
°C
Static Shear
3M™ VHB™ Tapes



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com