Electronic Components Datasheet Search
  English  ▼

X  

4941F Datasheet(PDF) 7 Page - 3M Electronics

Part # 4941F
Description  VHB™ Tapes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4941F Datasheet(HTML) 7 Page - 3M Electronics

Back Button 4941F Datasheet HTML 2Page - 3M Electronics 4941F Datasheet HTML 3Page - 3M Electronics 4941F Datasheet HTML 4Page - 3M Electronics 4941F Datasheet HTML 5Page - 3M Electronics 4941F Datasheet HTML 6Page - 3M Electronics 4941F Datasheet HTML 7Page - 3M Electronics 4941F Datasheet HTML 8Page - 3M Electronics 4941F Datasheet HTML 9Page - 3M Electronics 4941F Datasheet HTML 10Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
- 7 -
Additional Typical Performance Characteristics
Outgassing:
3M™ VHB™
Tapes
% TML
%VCM
%WVR
4930
0.77
0.01
0.21
4932
2.41
0.66
0.23
4945
1.24
0.01
0.19
TML - Total Mass Loss
VCM - Volatile Condensible Materials
WVR - Water Vapor Regained
NASA Reference Publication, “Outgassing Data
for Selecting Spacecraft Materials”, (11/18/2004)
Available online at http://outgassing.nasa.gov
Resistivity
(ASTM D257)
3M™ VHB™
Volume Resistivity
Surface Resistance
Tapes
(in ohm-cm)
(in ohms/square)
4914
1.7 x 1011
>1016
4941
2.1 x 1014
2.7 x 1014
5952
2.5 x 1014
>1016
4950
1.5 x 1015
>1016
4920
1.7 x 1015
>1016
4910
3.1 x 1015
>1016
4611
1.4 x 1015
>1016
3M™ VHB™ Tapes
UL746C Listings - File MH 17478
Category QOQW2 Component - Polymeric Adhesive Systems, Electrical Equipment
Note: The following technical information and data should be considered representative or typical only and should not
be used for specification purposes.
3M™ VHB™ Tapes
Thermal Conductivity - K-value
3M™ VHB™
BTU in/
Tapes
hr ft2 °F
(w/mK)
4941
0.53
(0.08)
5952
0.37
(0.05)
4950/4945
0.63
(0.09)
4910
1.09
(0.16)
4611
0.77
(0.11)
R-Value = thickness
K-value
(When units of K-value are
BTU-in/hr ft2 °F and thickness
is given in inches.)
Dielectric Breakdown Strength
(ASTM D149)
3M™ VHB™
Tapes
(in volts/mil)
4941
360
4926
330
5952
455
5925
520
4950
460
4920
640
4910
630
4611
330
Dielectric Constant
(ASTM D150)
3M™ VHB™
Dielectric
Dissipation
Tapes
Constant
Factor
4941 at 1 kHz
2.29
0.0245
at 1 MHz
1.99
0.0374
5952 at 1 kHz
2.14
0.0065
at 1 MHz
1.95
0.0506
4950 at 1 kHz
2.28
0.0227
at 1 MHz
1.99
0.0370
4910 at 1 kHz
3.21
0.0214
at 1 MHz
2.68
0.0595
4611 at 1 kHz
2.80
0.0130
at 1 MHz
2.43
0.0564
3M™ VHB™ Tapes/
Temperature Rating
Product Families
Substrates
Minimum
Maximum
Ceramic
-35°C
110°C
Aluminum, Galvanized steel, stainless
-35°C
90°C
steel, enameled steel, nickel coated
ABS, glass (with or without silane
coating) PVC, glass/epoxy, PBT,
polycarbonate, acrylic/polyurethane
paint, polyester paint
ABS
-35°C
75°C
4919F, 4926, 4936,
4936F, 4941, 4941F,
4947F, 4956, 4956F,
4979F
Aluminum, galvanized steel,
-35°C
110°C
enameled steel, stainless steel,
ceramic, glass/epoxy
PBT, Acrylic
-35°C
90°C
ABS, Polycarbonate, Rigid PVC
-35°C
75°C
4914, 4920, 4930, 4950
Phenolic, aluminum, galvanized
-35°C
110°C
steel, alkyd enamel
ABS, polycarbonate, polyimide,
-35°C
90°C
stainless steel, acrylic/polyurethane
paint, polyester paint
unplasticized PVC
-35°C
75°C
4945, 4946
Polycarbonate, Primer 94 coated
-35°C
90°C
polycarbonate, aluminum, acrylic/
polyurethane paint, galvanized steel,
steel, polyester paint, epoxy/polyester
paint, epoxy paint, glass (with or
without silane coating), stainless
steel, enameled steel, glass epoxy,
polybutylene terephthalate, Nylon®,
Noryl® (PPE) polyphenenlene ether
Rigid PVC, ABS
-35°C
75°C
Acrylic
-35°C
90°C
Acrylic
-35°C
80°C
Cellulose Acetate Butyrate
-35°C
90°C
Polycarbonate, aluminum, acrylic/
-35°C
90°C
polyurethane paint, polyester paint
4991
Stainless steel, aluminum, galvanized
-35°C
110°C
steel, glass, glass/epoxy, phenolic
Nylon, polycarbonate
-35°C
90°C
ABS, rigid PVC
-35°C
75°C
4611, 4646, 4655
5915, 5915P, 5925,
5925P, 5930, 5930P,
5952, 5952P 5962,
5962P
5915, 5925, 5930, 5952
5962
5952
A current list can be found at www.ul.com (select certifications, search file MH17478)
Typical 3M™ VHB™ Tape Properties for Modeling
Thermal Coefficient
of Expansion
1 x 10-4 in/in/°F
1.8 x 10-4 mm/mm/°C
Shear Modulus (@25°C, 1 Hz)
4950 Family: 6 x 105 Pa
4941 Family: 3 x 105 Pa
(Shear Modulus is both temperature and frequency
dependent).
Youngs Modulus: For VHB tapes the Youngs
Modulus will be about 3 times the Shear Modulus.
Poisson’s Ratio
0.49
Burn Characteristics 3M™ VHB™ Tape 5958FR
Meets FAR 25.853 (a) 12 second vertical burn,
Appendix F, Part I (a)(ii).
Meets NBS Smoking Density (ASTM F814/E662).
Meets Toxicity (Draeger Tube ABD0031, AITM
3.0005)
%
A
d
h
e
s
i
v
e
R
e
t
e
n
t
i
o
n
Solvent and Fuel Resistance
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
0
Water
Salt Water
Hydraulic Fluid
10W30 Motor Oil
Glycol Antifreeze
Kerosene
Isopropyl Alcohol
Jet Fuel
Gasoline
MEK
Test Method
• Tape between stainless steel and aluminum foil.
• 72 hours dwell at room temperature.
• Solvent immersion for 72 hours.
• Test within 45 minutes after removing from solvent.
• 90° peel angle.
• 12 in./min. rate of peel.
• Peel adhesion compared to control.
Note: Continuous submersion in chemical solutions is not recommended. The above information is presented to show that
occasional chemical contact should not be detrimental to tape performance in most applications in ordinary use.
Polycarbonate, aluminum,
-35°C
90°C
acrylic/polyurethane paint
4905, 4910
Water Vapor Transmission Rate (WVTR)
(ASTM F1249) at 38°C/100% RH
3M™ VHB™ Tapes
4950
14.0 g/(m2 day)
4941
25.6 g/(m2 day)
5952
37.1 g/(m2 day)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com