Electronic Components Datasheet Search
  English  ▼

X  

SS12T3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # SS12T3
Description  12 V, 4.0 A, Low VCE(sat) PNP Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12T3 Datasheet(HTML) 3 Page - ON Semiconductor

  SS12T3 Datasheet HTML 1Page - ON Semiconductor SS12T3 Datasheet HTML 2Page - ON Semiconductor SS12T3 Datasheet HTML 3Page - ON Semiconductor SS12T3 Datasheet HTML 4Page - ON Semiconductor SS12T3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NSS12200LT1G
http://onsemi.com
3
−55°C
VCE(sat) = 150°C
IC/IB = 10
25°C
Figure 1. Collector Emitter Saturation Voltage
vs. Collector Current
Figure 2. Collector Emitter Saturation Voltage
vs. Collector Current
IC, COLLECTOR CURRENT (A)
10
1.0
0.1
0.01
0.001
0
0.05
0.1
0.15
0.2
0.25
Figure 3. DC Current Gain vs. Collector
Current
Figure 4. Base Emitter Saturation Voltage vs.
Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
10
1.0
0.1
0.01
0.001
100
150
300
350
500
700
750
800
10
1.0
0.1
0.01
0.001
0.3
0.4
0.5
0.6
0.7
0.8
1.0
1.1
Figure 5. Base Emitter Turn−On Voltage vs.
Collector Current
Figure 6. Saturation Region
IC, COLLECTOR CURRENT (A)
IB, BASE CURRENT (mA)
10
1.0
0.1
0.01
0.001
0.1
0.2
0.3
0.4
0.5
0.8
0.9
1.0
100
10
1.0
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
IC/IB = 100
25°C
−55°C
IC, COLLECTOR CURRENT (A)
10
1.0
0.1
0.01
0.001
0
0.05
0.1
0.15
0.2
0.35
VCE(sat) = 150°C
0.25
0.3
650
600
550
200
250
400
450
0.9
150°C (5.0 V)
150°C (2.0 V)
25°C (5.0 V)
25°C (2.0 V)
−55°C (5.0 V)
−55°C (2.0 V)
25°C
−55°C
150°C
0.6
0.7
25°C
−55°C
150°C
VCE = −2.0 V
VCE (V) IC = 500 mA
300 mA
10 mA
100 mA
IC/IB = 10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com