Electronic Components Datasheet Search
  English  ▼

X  

SS12T3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # SS12T3
Description  12 V, 3 A, Low VCE(sat) PNP Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12T3 Datasheet(HTML) 3 Page - ON Semiconductor

  SS12T3 Datasheet HTML 1Page - ON Semiconductor SS12T3 Datasheet HTML 2Page - ON Semiconductor SS12T3 Datasheet HTML 3Page - ON Semiconductor SS12T3 Datasheet HTML 4Page - ON Semiconductor SS12T3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NSS12200WT1G
http://onsemi.com
3
0.1
0
0.5
1
0.3
100
10
0
IC, COLLECTOR CURRENT (AMPS)
Figure 1. Collector Emitter Voltage vs. Base Current
Figure 2. Collector Emitter Voltage vs. Collector Current
0.5
0.001
0.1
1
IB, BASE CURRENT (mA)
0.2
0.01
IC = 100 mA
500 mA
IC/IB = 100
0.1
0.4
800 mA
1 A
2 A
0.2
0.3
0.4
IC/IB = 10
1
0.1
0.01
300
200
100
0
TA = −55°C
25°C
125°C
0.001
VCE = 1.5 V
400
0.01
0.1
1
10
Figure 3. DC Current Gain vs. Collector
Current
IC, COLLECTOR CURRENT (AMPS)
Figure 4. Base Emitter Voltage vs. Collector
Current
IC, COLLECTOR CURRENT (AMPS)
Figure 5. Base Emitter Saturation Voltage vs.
Base Current
VCE, COLLECTOR EMITTER VOLTAGE (VOLTS)
0.001
0.1
0.01
1
0.5
0.3
1.0
0.1
10
1
Figure 6. Safe Operating Area
0.6
1
0.01
0.001
0.7
0.8
0.9
1.0
0.1
IC, COLLECTOR CURRENT (AMPS)
0.4
0.7
0.6
0.9
0.8
TA = −55°C
25°C
125°C
VCE = 1.5 V
IC/IB = 100
IC/IB = 10
SINGLE PULSE TA = 25°C
1 ms
10 ms
100 ms
dc
1 s



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com