Electronic Components Datasheet Search
  English  ▼

X  

30AYP6C Datasheet(PDF) 3 Page - Tyco Electronics

Part # 30AYP6C
Description  High Performance 3-phase RFI Filters for WYE Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

30AYP6C Datasheet(HTML) 3 Page - Tyco Electronics

  30AYP6C Datasheet HTML 1Page - Tyco Electronics 30AYP6C Datasheet HTML 2Page - Tyco Electronics 30AYP6C Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Performance Data
Typical Insertion Loss
Minimum Insertion Loss
Common Mode / Asymmetrical (Line to Ground)
Differential Mode / Symmetrical (Line to Line)
Measured in closed 50 Ohm system
Common Mode / Asymmetrical (L-G)
Differential Mode / Symmetrical (L-L)
Measured in closed 50 Ohm system
20AYT6C
0.01
0.1
0.15
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
30AYT6C
0.01
0.1
0.15
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
45AYT6C
0.01
0.1
0.15
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
60AYT6C
0.01
0.1
0.15
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
AYP6C
AYT6C
Common Mode / Asymmetrical (Line to Ground)
Differential Mode / Symmetrical (Line to Line)
High Performance 3-phase RFI Filters for WYE Applications (continued)
A Series
100
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
20AYP6C
0.01
0.1
0.15
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
30AYP6C
0.01
0.1
0.15
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
45AYP6C
0.01
0.1
0.15
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
60AYP6C
0.01
0.1
0.15
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0



   

 





































   

 






































   

 







































   

 







































Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com