Electronic Components Datasheet Search
  English  ▼

X  

45AYP6C Datasheet(PDF) 2 Page - Tyco Electronics

Part # 45AYP6C
Description  High Performance 3-phase RFI Filters for WYE Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

45AYP6C Datasheet(HTML) 2 Page - Tyco Electronics

  45AYP6C Datasheet HTML 1Page - Tyco Electronics 45AYP6C Datasheet HTML 2Page - Tyco Electronics 45AYP6C Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
99
A Series
High Performance 3-phase RFI Filters for WYE Applications (continued)
2
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Case Dimensions
Part No.
A*
B
C
D
E







20AYP6C





 



30AYP6C





 



45AYP6C





   

60AYP6C





   

20AYT6C





 



30AYT6C





 



45AYT6C





   

60AYT6C





   

Available Part Numbers
20AYP6C
20AYT6C
30AYP6C
30AYT6C
45AYP6C
45AYT6C
60AYP6C
60AYT6C
LINE
LINE
GND
A
B
C
N
LOAD
LOAD
GND
A
B
C
N
AYT6C Models
Case Style
A
B
C
D
E
Terminals:
1/4 x 20 (10)
Mounting studs:
No. 8-32 (8)
Torque:
56 lbf-in ± 2
6.33 N-m ±.23


 
Electrical Schematics (continued)
Accessories
AA400
AA405
AA406A
AA407A
AA406 / AA407
Kits includes both
bracket and cover
Mounting bracket kit with captive nuts:
AA400: 20A & 30A versions
AA405: 45A & 60A versions
Protective cover for use with mounting bracket:
(For Europe only. Limited availability in other regions)
AA406A: 20A & 30A versions
AA407A: 45A & 60A versions
End bell kit (bracket and cover) with captive nuts:
AA406: 20A & 30A versions
AA407: 45A & 60A versions
Additional captive nuts:
AA401: 10 nuts



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com