Electronic Components Datasheet Search
  English  ▼

X  

EL4501 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL4501
Description  Video Front End (VFE)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4501 Datasheet(HTML) 2 Page - Intersil Corporation

  EL4501 Datasheet HTML 1Page - Intersil Corporation EL4501 Datasheet HTML 2Page - Intersil Corporation EL4501 Datasheet HTML 3Page - Intersil Corporation EL4501 Datasheet HTML 4Page - Intersil Corporation EL4501 Datasheet HTML 5Page - Intersil Corporation EL4501 Datasheet HTML 6Page - Intersil Corporation EL4501 Datasheet HTML 7Page - Intersil Corporation EL4501 Datasheet HTML 8Page - Intersil Corporation EL4501 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage (VS to GND) . . . . . . . . . . . . . . . . . . . . . . . . . . . .+6V
Pin Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . .GND -0.3V, VS +0.3V
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Maximum Continuous Current (VIDEO OUT) . . . . . . . . . . . . . 50mA
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VS = VSD = 5V, GND = 0V, TA = 25°C, Input Video = 1VP-P, RFREQ = 130kΩ
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
ISA
Input Supply Current
No load
7.5
10.5
13.5
mA
ISD
Digital Supply Current
No load, VIN = 0V
1.9
2.3
4
mA
VS
Input Supply Voltage Range
4.5
5.5
V
VSD
Digital Input Supply Voltage Range
4.5
5.5
V
VIDEO AMPLIFIER SECTION
VOP
Positive Output Voltage Swing (VIDEO OUT)
(Note 1)
RL = 150Ω to VS/2
4.65
4.70
V
RL = 150Ω to GND
4.20
4.60
V
RL = 1kΩ to VS/2
4.85
4.90
V
VON
Negative Output Voltage Swing (VIDEO OUT)
(Note 1)
RL = 150Ω to VS/2
0.15
0.30
V
RL = 150Ω to GND
0.06
0.25
V
RL = 1kΩ to VS/2
0.05
0.20
V
+IOUT
Positive Output Current (VIDEO OUT)
RL = 10Ω to VS/2
60
70
mA
-IOUT
Negative Output Current (VIDEO OUT)
RL = 10Ω to VS/2
-50
-60
mA
dG
Differential Gain Error (VIDEO OUT) (Note 2) AV = 1, RL = 10kΩ, RF = 0Ω
0.05
%
dP
Differential Phase Error (VIDEO OUT)
(Note 2)
AV = 1, RL = 10kΩ, RF = 0Ω
0.03
°
BW
Bandwidth
-3dB, G = 1, RL = 10kΩ to GND, RF = 0
100
MHz
-3dB, G = 1, RL = 150Ω to GND, RF = 0
60
MHz
BW1
Bandwidth
±0.1dB, G = 2, RL = 150Ω to GND
8
MHz
SR
Slew Rate
25% to 75%, 3.5VP-P, RL = 150Ω, RF = 0
80
96
V/µs
VRL
Ref Level Range
0/3.5
V
tS
Settling Time
to 0.1%, VIN = 0V to 3V
35
ns
RIN
Input Resistance (VIDEO IN)
115
k
Ω
CIN
Input Capacitance (VIDEO IN)
1.5
pF
AVOL
Open Loop Voltage Gain
RL = no load, VOUT = 0.5V to 3V
65
dB
RL = 150Ω to GND, VOUT = 0.5V to 3V
50
dB
DC-RESTORE SECTION
CMIR
Common Mode Input Range (REF IN)
0/3.5
V
VOS
Input Offset Voltage
DC restored
±20
mV
TCVOS
Input Offset Voltage Temperature Coefficient
10
µV/°C
IB
Input Bias Current (REF IN)
VCM = 0V to 3.5V
-10
0.001
10
µA
EL4501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com