Electronic Components Datasheet Search
  English  ▼

X  

BSFZ Datasheet(PDF) 1 Page - Sharp Corporation

Part # BSFZ
Description  Double Conversion IF Output Satellite Tuner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

BSFZ Datasheet(HTML) 1 Page - Sharp Corporation

  BSFZ Datasheet HTML 1Page - Sharp Corporation BSFZ Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
PRODUCT INFORMATION
RF Components
Group
APPLICATIONS:
•
Satellite receiver
•
Data receiver
STANDARD BSFR PACKAGE
BSFR/Z-Series
Double Conversion IF
Output Satellite Tuner
NEW HIGH PERFORMANCE DOUBLE
CONVERSION TUNERS FEATURING
PRESCALER CAPABILITY.
FEATURES
• First LO PLL tuning
• Low noise figure, 9 db typical (model dependent)
• 50 db typical AGC range
• Conversion gain range from 20 db to 70 db, typical
• Low phase noise
• Input and output impedance: 75
Ω
• Maximum input level: -20 dBm
SHARP’S new BSFR and BSFZ-series satellite tuners are designed
as a flexible solution for reception of modulated digital data
streams. With a total of seven different models to meet varying
performance requirements, these tuners can be used as receivers for
both digital video and data streams.
Each model provides two local oscillators. The first is phase-
locked loop-tuned using a 3-wire serial data bus. The second local
oscillator is controlled by an analog voltage. All models provide a
prescaler on the second LO output for complete control of the
conversion process.
Several power supply configurations are used: 5 V and 20 V; 5 V,
12 V, and 20 V; and 5 V, 12 V, and 28 V.
STANDARD BSFZ PACKAGE
BSFR-1
BSFZ-1


Similar Part No. - BSFZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
BSFZ68G57 SHARP-BSFZ68G57 Datasheet
67Kb / 2P
I/Q Output Satellite Tuners
More results

Similar Description - BSFZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
BSFC77GV6 SHARP-BSFC77GV6 Datasheet
44Kb / 2P
BSFC-Series Single Conversion IF Output Satellite Tuner
BSFH77G04 SHARP-BSFH77G04 Datasheet
54Kb / 2P
Satellite Tuner
BSFH77G10 SHARP-BSFH77G10 Datasheet
53Kb / 2P
Satellite Tuner
BSFH77G15 SHARP-BSFH77G15 Datasheet
54Kb / 2P
Satellite Tuner
BSFH77G34 SHARP-BSFH77G34 Datasheet
54Kb / 2P
Satellite Tuner
BSFJ77G10 SHARP-BSFJ77G10 Datasheet
57Kb / 2P
Satellite Tuner
BSFJ77G19 SHARP-BSFJ77G19 Datasheet
57Kb / 2P
Satellite Tuner
logo
Mitel Networks Corporat...
SL1925 MITEL-SL1925 Datasheet
524Kb / 20P
Satellite Zero IF QPSK Tuner IC
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
DIRECT CONVERSION SATELLITE TUNER
logo
Sony Corporation
CXA3685ER SONY-CXA3685ER Datasheet
368Kb / 23P
Direct Conversion IC for Digital Satellite Broadcast Tuner
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com