Electronic Components Datasheet Search
  English  ▼

X  

LF200 Datasheet(PDF) 1 Page - Tyco Electronics

Part # LF200
Description  NEMA Cabinet Legs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LF200 Datasheet(HTML) 1 Page - Tyco Electronics

  LF200 Datasheet HTML 1Page - Tyco Electronics LF200 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
24
NEMA Cabinet Legs
NEMA Cabinet Legs
Corcom Facility EMI Filters Product Guide
Catalog: 1654986
Issue Date: 06.2011
Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric
USA Cust. Svc.:
1-800-468-2023
equivalents. Dimensions are shown for reference purposes only. Specifications subject to change.
Corcom Prods:
1-847-680-7400
te.com
corcom.com
For use with CDEUX, CDEUW, CDEUL and TECUL Series NEMA Cabinet Style Filters
D
C
B
1.0
F
A
1.0
E
Each Leg requires the following additional installation hardware (sold separately)
TE part #
Description
Qty
4-1609604-6
Screw, 7-16 x 1" L
4
4-1609555-6
Nut, Hex 7/16-14
4
4-1609422-5
Washer, Flat, 7/16"
8
4-1609428-5
Washer, Lock, 7/16"
4
Filter cabinets specified with factory installed legs are supplied with legs continously welded to the exterior of the
filter enclosure. No penetrations are made in the enclosure to accommodate the legs.
Field installation of legs to existing cabinets requires modification of the filter enclosure to accommodate mounting
hardware through the cabinet.


Similar Part No. - LF200

ManufacturerPart #DatasheetDescription
logo
LEM
LF2005-S LEM-LF2005-S Datasheet
70Kb / 2P
Current Transducer LF 2005-S
LF2005-S LEM-LF2005-S Datasheet
84Kb / 2P
Current Transducer
LF2005-S LEM-LF2005-S_06 Datasheet
84Kb / 2P
Current Transducer
LF2005-S LEM-LF2005-S_11 Datasheet
459Kb / 3P
Current Transducer
logo
MicroPower Direct, LLC
LF200D MPD-LF200D Datasheet
234Kb / 2P
Ultra-Miniature, 2W Dual Output SMT DC/DC Converters
More results

Similar Description - LF200

ManufacturerPart #DatasheetDescription
logo
FCI connector
95200 FCI-CONNECTOR-95200 Datasheet
103Kb / 1P
OFF SET LEGS SELECTED LOADED
logo
Emerson Network Power
146-0701-301 EMERSON-NETWORKPOWER-146-0701-301 Datasheet
95Kb / 1P
JACK ASSEMBLY STRAIGHT .155 LEGS QMA
logo
List of Unclassifed Man...
AU-1039 ETC2-AU-1039 Datasheet
62Kb / 1P
UTILITY CABINET
logo
Tripp Lite. All Rights ...
SR42UBEIS TRIPPLITE-SR42UBEIS Datasheet
520Kb / 3P
42U SmartRack NEMA 12 Rack Enclosure Cabinet for Harsh Environments
SRW12USNEMA TRIPPLITE-SRW12USNEMA Datasheet
539Kb / 3P
12U SmartRack NEMA 12 Wall-Mount Rack Enclosure Cabinet for Harsh Environments
logo
Vincotech
10-PY096PA035ME-L224F18Y VINCOTECH-10-PY096PA035ME-L224F18Y Datasheet
331Kb / 6P
Sixpack with three separated legs
logo
Molex Electronics Ltd.
0747500028 MOLEX11-0747500028 Datasheet
48Kb / 1P
QSFP Cage Assembly, 2 Legs
logo
FIBOX Enclosing innovat...
8120005N FIBOX-8120005N Datasheet
281Kb / 2P
Cabinet, PC
09.01.2023
8120011 FIBOX-8120011 Datasheet
85Kb / 3P
Cabinet, PC
10.01.2023
8120020 FIBOX-8120020 Datasheet
72Kb / 2P
Cabinet, PC
10.01.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com