Electronic Components Datasheet Search
  English  ▼

X  

CDEP1711 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDEP1711
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP1711 Datasheet(HTML) 2 Page - Sumida Corporation

  CDEP1711 Datasheet HTML 1Page - Sumida Corporation CDEP1711 Datasheet HTML 2Page - Sumida Corporation CDEP1711 Datasheet HTML 3Page - Sumida Corporation CDEP1711 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 1-Jun-11
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP1711
Electrical Characteristics- 1
9.5
3.1
4.0
11.3(9.4)
47
±20%
470ML
CDEP1711NP-47ØMC-325
10.0
3.4
4.3
10.3(8.6)
39
±20%
390ML
CDEP1711NP-39ØMC-325
12.0
3.8
4.8
7.44(6.2)
33
±20%
330ML
CDEP1711NP-33ØMC-325
14.5
4.2
5.2
6.12(5.1)
27
±20%
270ML
CDEP1711NP-27ØMC-325
15.3
4.4
5.6
5.52(4.6)
22
±20%
220ML
CDEP1711NP-22ØMC-325
at 105
℃
at 20
℃
Temperature
rise current
(
A)※4
Saturation current(
A)
※3
D.C.R. (m
Ω)
[Max.] (at 20
℃)
※2
Inductance (
μH)
[Within]※1
Stamp
Part No.
Electrical Characteristics- 2
Electrical Characteristics- 3
9.5
6.8
8.8
11.3(9.4)
22
±20%
220MS
CDEP1711NP-22ØMC-15Ø
10.0
7.4
9.6
10.3(8.6)
18
±20%
180MS
CDEP1711NP-18ØMC-15Ø
12.0
7.8
10.5
7.44(6.2)
15
±20%
150MS
CDEP1711NP-15ØMC-15Ø
14.5
9.0
11.6
6.12(5.1)
12
±20%
120MS
CDEP1711NP-12ØMC-15Ø
15.3
10.4
13.2
5.52(4.6)
10
±20%
100MS
CDEP1711NP-1ØØMC-15Ø
at 105
℃
at 20
℃
Temperature
rise current
(
A)※4
Saturation current
(
A)※3
D.C.R.(m
Ω)
[Max.] (at 20
℃)
※2
Inductance (
μH)
[Within]※1
Stamp
Part No.
9.5
8.4
10.8
11.3(9.4)
18
±20%
180MH
CDEP1711NP-18ØMC-125
10.0
9.2
12.0
10.3(8.6)
15
±20%
150MH
CDEP1711NP-15ØMC-125
12.0
10.4
13.2
7.44(6.2)
12
±20%
120MH
CDEP1711NP-12ØMC-125
14.5
11.2
14.4
6.12(5.1)
10
±20%
100MH
CDEP1711NP-1ØØMC-125
15.3
13.2
16.8
5.52(4.6)
8.0
±20%
8R0MH
CDEP1711NP-8RØMC-125
at 105
℃
at 20
℃
Temperature
rise current
(
A) ※4
Saturation current
(
A) ※3
D.C.R. (m
Ω)
[Max.] (at 20
℃)
※2
Inductance (
μH)
[Within]※1
Stamp
Part
No.
※ 1 Measuring frequency inductance at 100kHz .
※ 2 ( ) are typical value.
※ 2 Saturation current: The DC current at which the inductance decreases to 75% of its nominal value.
※3 Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com