Electronic Components Datasheet Search
  English  ▼

X  

ADR441B Datasheet(PDF) 13 Page - Analog Devices

Part # ADR441B
Description  Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR441B Datasheet(HTML) 13 Page - Analog Devices

Back Button ADR441B Datasheet HTML 9Page - Analog Devices ADR441B Datasheet HTML 10Page - Analog Devices ADR441B Datasheet HTML 11Page - Analog Devices ADR441B Datasheet HTML 12Page - Analog Devices ADR441B Datasheet HTML 13Page - Analog Devices ADR441B Datasheet HTML 14Page - Analog Devices ADR441B Datasheet HTML 15Page - Analog Devices ADR441B Datasheet HTML 16Page - Analog Devices ADR441B Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADR440/ADR441/ADR443/ADR444/ADR445
Rev. E | Page 13 of 20
50µV/DIV
TIME = 1s/DIV
CH 1 p-p
49µV
Figure 27. ADR441 10 Hz to 10 kHz Voltage Noise
CH 1 p-p
2.24µV
1µV/DIV
TIME = 1s/DIV
Figure 28. ADR445 0.1 Hz to 10.0 Hz Voltage Noise
50µV/DIV
TIME = 1s/DIV
CH 1 p-p
66µV
Figure 29. ADR445 10 Hz to 10 kHz Voltage Noise
DEVIATION (ppm)
16
0
14
12
10
8
6
4
2
Figure 30. ADR441 Typical Output Voltage Hysteresis
FREQUENCY (Hz)
100k
10k
1k
100
10
ADR445
ADR443
ADR441
10
9
8
7
5
6
4
3
2
1
0
Figure 31. Output Impedance vs. Frequency
FREQUENCY (Hz)
100k
1M
10k
1k
100
–10
0
–20
–30
–40
–50
–60
–70
–80
–90
–100
Figure 32. Ripple Rejection Ratio vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com