Electronic Components Datasheet Search
  English  ▼

X  

ADR440 Datasheet(PDF) 15 Page - Analog Devices

Part # ADR440
Description  Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR440 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADR440 Datasheet HTML 11Page - Analog Devices ADR440 Datasheet HTML 12Page - Analog Devices ADR440 Datasheet HTML 13Page - Analog Devices ADR440 Datasheet HTML 14Page - Analog Devices ADR440 Datasheet HTML 15Page - Analog Devices ADR440 Datasheet HTML 16Page - Analog Devices ADR440 Datasheet HTML 17Page - Analog Devices ADR440 Datasheet HTML 18Page - Analog Devices ADR440 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADR440/ADR441/ADR443/ADR444/ADR445
Rev. E | Page 15 of 20
APPLICATIONS INFORMATION
OUTPUT ADJUSTMENT
The ADR44x family features a TRIM pin that allows the user to
adjust the output voltage of the part over a limited range. This
allows errors from the reference and overall system errors to be
trimmed out by connecting a potentiometer between the output
and the ground, with the wiper connected to the TRIM pin.
Figure 35 shows the optimal trim configuration. R1 allows fine
adjustment of the output and is not always required. RP should
be sufficiently large so that the maximum output current from
the ADR44x is not exceeded.
TRIM
VIN
VO = ±0.5%
0.1µF
0.1µF
GND
R2
1k
Ω
RP
10k
Ω
VOUT 6
2
5
4
R1
100k
Ω
ADR440/
ADR441/
ADR443/
ADR444/
ADR445
Figure 35. ADR44x Trim Function
Using the trim function has a negligible effect on the temperature
performance of the ADR44x. However, all resistors need to be
low temperature coefficient resistors, or errors may occur.
BIPOLAR OUTPUTS
By connecting the output of the ADR44x to the inverting ter-
minal of an operational amplifier, it is possible to obtain both
positive and negative reference voltages. Care must be taken
when choosing Resistors R1 and R2 (see Figure 36). These
resistors must be matched as closely as possible to ensure mini-
mal differences between the negative and positive outputs. In
addition, care must be taken to ensure performance over
temperature. Use low temperature coefficient resistors if the
circuit is used over temperature; otherwise, differences exist
between the two outputs.
ADR440/
ADR441/
ADR443/
ADR444/
ADR445
6
2
4
VIN
VOUT
GND
R1
10k
Ω
R2
10k
Ω
R3
5k
Ω
–10V
+10V
–5V
+5V
0.1µF
0.1µF
+VDD
Figure 36. ADR44x Bipolar Outputs
PROGRAMMABLE VOLTAGE SOURCE
To obtain different voltages than those offered by the ADR44x,
some extra components are needed. In Figure 37, two potenti-
ometers are used to set the desired voltage and the buffering
amplifier provides current drive. The potentiometer connected
between VOUT and GND, with its wiper connected to the
noninverting input of the operational amplifier, takes care of
coarse trim. The second potentiometer, with its wiper connected
to the trim terminal of the ADR44x, is used for fine adjustment.
Resolution depends on the end-to-end resistance value and the
resolution of the selected potentiometer.
ADR440/
ADR441/
ADR443/
ADR444/
ADR445
6
2
4
VIN
VOUT
GND
R2
10k
Ω
ADJ VREF
+VDD
R1
10k
Ω
Figure 37. Programmable Voltage Source
For a completely programmable solution, replace the two
potentiometers in Figure 37 with one Analog Devices dual
digital potentiometer, offered with either an SPI or an I2C
interface. These interfaces set the position of the wiper on both
potentiometers and allow the output voltage to be set. Table 9
lists compatible Analog Devices digital potentiometers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com