Electronic Components Datasheet Search
  English  ▼

X  

OD4010 Datasheet(PDF) 1 Page - ORION FANS

Part # OD4010
Description  DC Fan - 5, 12, 24V 40x10mm (1.58 x 0.39)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD4010 Datasheet(HTML) 1 Page - ORION FANS

  OD4010 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
30
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OD4010 Series
DC Fan - 5, 12, 24V
40x10mm (1.58”x 0.39”)
Frame & Impeller
PBT, UL94V-O plastic
Available Options:
Tachometer
Alarm
Thermal control
Sleeve bearing
Life Expectancy (L10)
Ball - 60,000 hrs (45C)
Sleeve - 30,000 hrs (45C)
Operating Temperature
Ball: -20 ~ 80C
Connection
2x Lead wires 26AWG
Motor
Brushless DC, auto restart,
impedance and polarity
protected
Bearing System
Ball bearing
Insulation Resistance 10M ohm between leadwire
and frame (500VDC)
Dielectric Strength
1 second at 500 VAC, max
leakage - 500 MicroAmp
Storage Temperature -30C ~ +90C
Model Number
Speed
(RPM)
Airflow
(CFM)
Noise
(dB)
Volts DC Voltage
Range
(VDC)
Amps
Max. Static
Pressure
(“H2O)
OD4010-05HB
6000
7
25
5
4 ~7
0.16
0.10
OD4010-05MB
4800
6
20
5
4 ~7
0.11
0.08
OD4010-05LB
4200
5
14
5
4 ~7
0.07
0.06
OD4010-12HB
6000
7
25
12
7 ~ 14
0.09
0.10
OD4010-12MB
4800
6
20
12
7 ~ 14
0.06
0.08
OD4010-12LB
4200
5
14
12
7 ~ 14
0.06
0.06
OD4010-24HB
6000
7
25
24
10 ~ 27
0.06
0.10
OD4010-24MB
4800
6
20
24
10 ~ 27
0.04
0.08
OD4010-24LB
4200
5
14
24
10 ~ 27
0.03
0.06
m1
77282 2009_fan_cat sec 2:Layout 1
7/28/09
11:11 AM
Page 30


Similar Part No. - OD4010

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD4010 ORIONFANS-OD4010 Datasheet
5Mb / 8P
AC & EC FANS
OD4010-05H ORIONFANS-OD4010-05H Datasheet
282Kb / 1P
DC Fan - 5, 12, 24V 40 x 10mm (1.58??x 0.39??
OD4010-05HB ORIONFANS-OD4010-05HB Datasheet
91Kb / 1P
DC Fan
OD4010-05HB ORIONFANS-OD4010-05HB_15 Datasheet
91Kb / 1P
DC Fan
OD4010-05L ORIONFANS-OD4010-05L Datasheet
282Kb / 1P
DC Fan - 5, 12, 24V 40 x 10mm (1.58??x 0.39??
More results

Similar Description - OD4010

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD4020 ORIONFANS-OD4020 Datasheet
124Kb / 1P
DC Fan - 5, 12, 24V 40x20mm (1.58 x 0.79)
OD4028 ORIONFANS-OD4028 Datasheet
112Kb / 1P
DC Fan - 5, 12, 24V 40x28mm (1.58?쓝 1.10??
OD5010 ORIONFANS-OD5010 Datasheet
401Kb / 1P
DC Fan - 5, 12, 24V
OD4010 ORIONFANS-OD4010_16 Datasheet
282Kb / 1P
DC Fan - 5, 12, 24V 40 x 10mm (1.58??x 0.39??
OD4010-SS ORIONFANS-OD4010-SS Datasheet
224Kb / 1P
DC Fan - 12, 24V 40x10mm (1.58?쓝 0.39??
OD4020 ORIONFANS-OD4020_16 Datasheet
383Kb / 1P
DC Fan - 5, 12, 24V 40x20mm (1.58?쓝 0.79??
OD4020-SS ORIONFANS-OD4020-SS Datasheet
346Kb / 1P
DC Fan - 12, 24V 40x20mm (1.58?쓝 0.79??
OD4028 ORIONFANS-OD4028_16 Datasheet
376Kb / 1P
DC Fan - 5, 12, 24V 40x28mm (1.58?쓝 1.10??
OD6015 ORIONFANS-OD6015_17 Datasheet
137Kb / 1P
DC Fan - 5, 12, 24V 60 x 15mm (2.36??x 0.59??
OD4028-XC ORIONFANS-OD4028-XC Datasheet
641Kb / 3P
DC Fans - 12, 24V 40mm x 28mm (1.58” x 1.10”)
1/3/2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com