Electronic Components Datasheet Search
  English  ▼

X  

GL3UR8 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GL3UR8
Description  첩3mmT-1, Cylinder Type, Colored Diffusion, High-luminosity LED Lamps for Indicator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL3UR8 Datasheet(HTML) 3 Page - Sharp Corporation

  GL3UR8 Datasheet HTML 1Page - Sharp Corporation GL3UR8 Datasheet HTML 2Page - Sharp Corporation GL3UR8 Datasheet HTML 3Page - Sharp Corporation GL3UR8 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
105
Notice
In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in
catalogs,data books,etc.Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet
Internet address for Electronic Components Group http://sharp-world.com/ecg/
Taping Specifications
s General Description
Sharp can supply tape-packaged LED lamps for automatic mounting.
They will contribute to the high-efficiency mounting, high-precision,
power saving. Please confirm before use because some products are
not available in taping package.
s Taping specification(Unit : mm, TYP. value)
F
P
DO
PO
Forming type
Case end height
Lead clinch height
Tape width
Adhesive tape width
Product pitch
Sprocket hole pitch
Lead pitch
Sprocket hole diameter
Parameter
Symbol
W
P
F
AB
D
23.35
19.5
21.5
18.0
5.0
16.0
13.0
12.7
12.7
ø4.0
H
HO
WO
PO
DO
P
DO
PO
Dichromatic emission type
F1 F2
Case end height
Lead clinch height
Tape width
Adhesive tape width
Product pitch
Sprocket hole pitch
Lead pitch
Sprocket hole diameter
Parameter
Symbol
W
P
F1 , F2
Size (mm)
2.54
18.0
H
----
13.0
12.7
12.7
ø4.0
HO
WO
PO
DO
19.5
F
P
DO
PO
Straight type
Case end height
Lead clinch height
Tape width
Adhesive tape width
Product pitch
Sprocket hole pitch
Lead pitch
Sprocket hole diameter
Parameter
Symbol
W
P
F
P
W
18.0
23.35
2.54
18.0
13.0
12.7
12.7
ø4.0
H
HO
WO
PO
DO
-----



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com