Electronic Components Datasheet Search
  English  ▼

X  

HBD2C4M Datasheet(PDF) 2 Page - Dialight Corporation

Part # HBD2C4M
Description  SafeSite Series LED High Bay Fixture
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

HBD2C4M Datasheet(HTML) 2 Page - Dialight Corporation

  HBD2C4M Datasheet HTML 1Page - Dialight Corporation HBD2C4M Datasheet HTML 2Page - Dialight Corporation HBD2C4M Datasheet HTML 3Page - Dialight Corporation HBD2C4M Datasheet HTML 4Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SafeSite
® Series LED
High Bay Fixture
Mechanical Information
Fixture Weight:
HBC Series: 30 lbs (13.6kg)
HBD Series: 17 lbs (7.7kg)
HBM Series: 30 lbs (7.7kg)
HBP Series: 32 lbs (14.5kg)
Mounting:
(1) 3/4” NPT Threaded
or
(2) 5/16”-18 x .75” NPT Thread
Electrical specifications
1 Voltage:
100-277VAC, 50/60 Hz
Total System
150W
Power Consumption:
Harmonics:
IEC 6100-3-2
Surge / Lightning
1 kV line to line
Protection:
2 kV line to ground
THD:
<5% (120VAC)
<10% (230/240VAC)
<12% (277VAC)
Power Factor:
> 0.95
Construction
Body:
Powder Coated Aluminum
Photometric Information
CRI (typ):
70
2
CCT (typ):
6,000K (cool white)
4,500K (neutral white)
Features & Benefits:
w Certified to UL 844
w Certified to UL 1598/A
w Certified to C22.2 No.137-M81
w 5 year warranty
w Low power consumption
w Instant on/off operation
w Universal input (100-277 VAC), 50/60Hz
w 347-480VAC versions available
w Superior color rendition index compared to HPS, LPS, MV
w Mercury free
w Resistant to shock and vibration
w Temperature compensation technology for longer life
w >80% lumen maintenance after 60,000 operating hours
w Copper free aluminum
Application
The first of its kind, the Dialight SafeSite
® Series LED High Bay luminaire
was designed specifically to replace conventional high bay lighting
fixtures in hazardous location applications. It’s low profile light weight
design allows for increased mounting versatility and ease of installation.
All of Dialight’s long life LED luminaires are designed to meet the most
demanding specification criteria while offering maximum energy
savings, reduced maintenance costs, and a superior quality of light.
Patent Pending
Order Codes
www.dialight.com
Part Number
Certifications
Lens
Fixture
Lumens
CID1
CID2
CIID1
CIID2
CIIID1
CIIID2
NEMA4X / IP66
Other Approvals
HBC9C3M
C / D
C / D
E / F / G
F / G
YES
YES
YES
Glass
9,500
HBC8C3G
C / D
C / D
E / F / G
F / G
YES
YES
YES
Glass
5,500
HBD2C4M
A / B / C / D
F / G
YES
YES
YES
Polycarbonate
10,500
HBD3C4G
A / B / C / D
F / G
YES
YES
Polycarbonate
8,000
HBF2C4M
A / B / C / D
E / F / G
F / G
YES
YES
YES
Polycarbonate
10,500
HBF3C4L
A / B / C / D
E / F / G
F / G
YES
YES
Polycarbonate
10,500
HBM9C3M
C / D
C / D
YES
YES
YES
YES
YES
Paint Spray Booth
Glass
9,500
HBP9C3M
B/C/D
E / F / G
Group B
Hydrogen only
Glass
9,500
Temperature Ratings
Series
Ambient Temperature Range
T4a Temperature Code
Ambient Temperature Range
T5 Temperature Code
HBC
-40F to +149F (-40C to +65C)
-40F to +131F (-40C to +55C)
HBM
-40F to +149F (-40C to +65C)
-40F to +131F (-40C to +55C)
HBP
-40F to +149F (-40C to +65C)
-40F to +131F (-40C to +55C)
HBD
-40F to +140F (-40C to +60C)
-40F to +104F (-40C to +40C)
HBF
-40F to +140F (-40C to +60C)
-40F to +104F (-40C to +40C)
1Part numbers listed in the table above are 100-277VAC. For Class I, Div 1 - 347-480VAC models, replace the 6th character with a 6. EX: HBC9C3M
becomes HBC9C6M. For Class I, Div 2 - 347-480VAC models, replace the 6th character with a 5. EX: HBD2C4M becomes HBD2C5M. EX: HBC9C3M
(100-277VAC) becomes HBC9C6M (347-480VAC).
2Part numbers listed above table are cool white. For neutral white version replace the 5th character with N Ex: HBC9C3M become HBC9N3M.
2
For projects requiring Buy American certification,
consult factory for additional information and details



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com