Electronic Components Datasheet Search
  English  ▼

X  

LBW1C2D Datasheet(PDF) 2 Page - Dialight Corporation

Part # LBW1C2D
Description  DuroSite LED Low Bay Fixture
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

LBW1C2D Datasheet(HTML) 2 Page - Dialight Corporation

  LBW1C2D Datasheet HTML 1Page - Dialight Corporation LBW1C2D Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Part Number
Description
Kit Includes
No Part Number
Pendant Mount
(Conduit supplied by installer)
Conduit supplied by installer
HBXW2
Swivel Bracket and Cable Gland
Swivel Bracket
Bracket to fixture hardware
Cable Gland (1/2”)
Reducer (3/4” to 1/2”)
HBXW3
Swivel Bracket
Swivel Bracket
Bracket to Fixture Hardware
HBXCU
Ceiling Mount
Swivel Hanger Cover
3" Conduit Nipple
HBXCG
Cable Gland
Cable Gland (1/2”)
Reducer (3/4” to 1/2”)
HBXL
Loop
Hanger Loop
(GE LOOPM353)
HBXH
Hook
Hanger Hook
(GE HOOKM353)
HZC3000
Stanchion Mount Bracket 1 ¼” pipe
(Can be used with HBXW3)
Stanchion bracket
HBXT2
Junction Box with Transformer
347-480VAC to 240VAC
NEMA Box with
Integrated Transformer
LBXLENP
Replacement Dome Lens
Lens, replacement screws, gasket
DuroSiteTM Series LED Low Bay Fixture
Options and Accessories
www.dialight.com
MDEXLBX001_B
Dialight reserves the right to make changes at any time in order to supply the best product possible.
The most current version of this document will always be available at:
www.dialight.com/Assets/Brochures_And_Catalogs/Illumination/MDEXLBX001.pdf



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com