Electronic Components Datasheet Search
  English  ▼

X  

GL453 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GL453
Description  Bidirectional Emission Type Infrared Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL453 Datasheet(HTML) 2 Page - Sharp Corporation

  GL453 Datasheet HTML 1Page - Sharp Corporation GL453 Datasheet HTML 2Page - Sharp Corporation GL453 Datasheet HTML 3Page - Sharp Corporation GL453 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GL453/GL454
Fig. 1 Forward Current vs.
Fig. 2 Peak Forward Current vs. Duty Ratio
s Electro-optical Characteristics
(Ta= 25˚C )
50
0
10
20
30
40
60
0
25
100
50
75 85
100
Duty ratio
10
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Forward voltage
V F
IF= 20mA
-
1.2
1.5
V
Peak forward voltage
V FM
IFM = 0.5A
-
3.0
4.0
V
Reverse current
IR
V R=3V
-
-
10
µ A
Terminal capacitance
Ct
V= 0, f= 1MHz
-
30
-
pF
Radiant flux
Φ e
IF= 20mA
0.85
1.3
1.95
mW
Peak emission wavelength
λ p
IF= 5mA
-
950
-
nm
Half intensity wavelength
∆λ
IF= 5mA
-
45
-
nm
Ambient Temperature
Ambient temperature Ta (˚C)
10 -3
10 -2
10 -1
1
-25
Pulse width
100
µs
Ta= 25˚C
10000
1000
<=



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com