Electronic Components Datasheet Search
  English  ▼

X  

MAX9920ASA/V+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9920ASA/V+
Description  -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9920ASA/V+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9920ASA/V+ Datasheet HTML 1Page - Maxim Integrated Products MAX9920ASA/V+ Datasheet HTML 2Page - Maxim Integrated Products MAX9920ASA/V+ Datasheet HTML 3Page - Maxim Integrated Products MAX9920ASA/V+ Datasheet HTML 4Page - Maxim Integrated Products MAX9920ASA/V+ Datasheet HTML 5Page - Maxim Integrated Products MAX9920ASA/V+ Datasheet HTML 6Page - Maxim Integrated Products MAX9920ASA/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX9920ASA/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX9920ASA/V+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
-20V to +75V Input Range, Precision
Uni-/Bidirectional, Current-Sense Amplifiers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 5V, VRS+ = VRS- = +14V, VSENSE = (VRS+ - VRS-) = 0V, VSHDN = VGND = 0V, VREFIN = VCC/2, RL = 100k
Ω; for MAX9918, AV =
90V/V, R2/R1 = 89k
Ω/1kΩ; for MAX9920, AV = 20V/V, R2/R1 = 79kΩ/1kΩ; TA = -40°C to +125°C, unless otherwise noted. Typical val-
ues are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
RS+, RS- to GND (VCC = 5V) ..................................-30V to +80V
RS+, RS- to GND (VCC = 0V) .............-15V to +80V (15 minutes)
Differential Input Voltage (VRS+ - VRS-)
(MAX9918/MAX9919).................................±15V (Continuous)
Differential Input Voltage
(VRS+ - VRS-) (MAX9920) .............................±5V (Continuous)
REFIN, FB, OUT to GND.............................-0.3V to (VCC + 0.3V)
SHDN to GND.........................................................-0.3V to +20V
Output Short Circuit to VCC or GND...........................Continuous
Continuous Current into Any Pin
(Not to exceed package power dissipation) ................±20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin SOIC-EP (derate 24.4mW/°C above +70°C) .1951.2mW**
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PACKAGE THERMAL CHARACTERISTICS (Note 1)
SOIC-EP
Junction-to-Ambient Thermal Resistance (
θJA) ...........41°C/W
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25°C
±0.14
±0.4
VRS+ = VRS- =
+14V, VREFIN
= 0V
TA = -40°C
to +125°C
±0.7
TA = +25°C
±0.08
±0.4
MAX9918
VRS+ = VRS- =
-2V, VREFIN =
0V
TA = -40°C
to +125°C
±1.3
TA = +25°C
±0.18
±0.4
VRS+ = VRS- =
+14V, VREFIN
= 0V
TA = -40°C
to +125°C
±0.9
TA = +25°C
±0.11
±0.4
MAX9919_
VRS+ = VRS- =
-2V, VREFIN =
0V
TA = -40°C
to +125°C
±1.0
TA = +25°C
±0.48
±1.2
VRS+ = VRS- =
+14V, VREFIN
= 0V
TA = -40°C
to +125°C
±3.0
TA = +25°C
±0.10
±0.9
Input Offset Voltage (Note 2)
VOS
MAX9920
VRS+ = VRS- =
-2V, VREFIN =
0V
TA = -40°C
to +125°C
±3.5
mV
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
**
As per JEDEC51 Standard (multilayer board).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com