Electronic Components Datasheet Search
  English  ▼

X  

GL483Q Datasheet(PDF) 1 Page - Sharp Corporation

Part # GL483Q
Description  Infrared Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL483Q Datasheet(HTML) 1 Page - Sharp Corporation

  GL483Q Datasheet HTML 1Page - Sharp Corporation GL483Q Datasheet HTML 2Page - Sharp Corporation GL483Q Datasheet HTML 3Page - Sharp Corporation GL483Q Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
*1 Pulse width<=100
µ s, Duty ratio = 0.01
*2 For 3 seconds at the position of 1.4mm from the bottom face of resin package.
s Features
I F = 20mA )
s Applications
GL480/GL480Q
GL483Q
3. Compact, high reliability by chip coating
GL480/GL480Q/GL483Q
1. Narrow beam angle (
∆θ : TYP. ± 13˚)
2. Radiant flux (
Φ e : MIN. 0.7mW at
0.15
0.75
1.15
1.7
1.7
epoxy resin
Transparent
1.15
0.75
0.15
2.54
2.8
1.6
60
˚
1.6
2.8
2- C0.5
2- 0.4
2 - C0.5
2- 0.6
2 - 0.4
GL483Q
s Absolute Maximum Ratings
(Ta = 25˚C )
s Outline Dimensions
(Unit : mm )
Pink transparent
epoxy resin (GL480 )
1
2
Parameter
Symbol
Rating
Unit
Power dissipation
P
75
mW
Forward current
IF
50
mA
*1Peak forward current
I FM
1A
Reverse voltage
V R
6V
Operating temperature
T opr
- 25 to + 85
˚C
Storage temperature
T stg
- 40 to + 85
˚C
*2Soldering temperature
T sol
260
˚C
1
Cathode
2
Anode
4. Long lead type (GL483Q )
1
Cathode
2
Anode
1
2
2
1
2.54
60
˚
GL480/GL480Q
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
epoxy resin (GL480Q )
1
2
Infrared Emitting Diode
2. Floppy disk drives
3. Optoelectronic switches
1. Copiers
Transparent
R0.8 ± 0.1
3.0 ± 0.2
1.6 ± 0.2
3.0 ± 0.2
(GL480Q/GL483Q )


Similar Part No. - GL483Q

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL4800 SHARP-GL4800 Datasheet
33Kb / 3P
Thin Type Infrared Emitting Diode
GL4800E0000F SHARP-GL4800E0000F Datasheet
515Kb / 9P
Infrared Emitting Diode
GL480E00000F SHARP-GL480E00000F Datasheet
525Kb / 9P
Infrared Emitting Diode
More results

Similar Description - GL483Q

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3029A NTE-NTE3029A Datasheet
21Kb / 2P
Infrared-Emitting Diode
logo
Micro Electronics
MI31T MICRO-ELECTRONICS-MI31T Datasheet
79Kb / 2P
INFRARED EMITTING DIODE
MI33T MICRO-ELECTRONICS-MI33T Datasheet
95Kb / 3P
INFRARED EMITTING DIODE
MI51TA-2 MICRO-ELECTRONICS-MI51TA-2 Datasheet
47Kb / 1P
INFRARED EMITTING DIODE
MIB31TA-2 MICRO-ELECTRONICS-MIB31TA-2 Datasheet
42Kb / 1P
INFRARED EMITTING DIODE
MIB57T-J MICRO-ELECTRONICS-MIB57T-J Datasheet
85Kb / 2P
INFRARED EMITTING DIODE
MIB57T-K MICRO-ELECTRONICS-MIB57T-K Datasheet
84Kb / 2P
INFRARED EMITTING DIODE
logo
List of Unclassifed Man...
LN-1A11 ETC-LN-1A11 Datasheet
56Kb / 1P
INFRARED EMITTING DIODE
logo
IDEA.lnc.
IEFC0128 IDEA-IEFC0128 Datasheet
37Kb / 2P
infrared emitting diode
logo
Sharp Corporation
GL480E00000F SHARP-GL480E00000F Datasheet
525Kb / 9P
Infrared Emitting Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com