Electronic Components Datasheet Search
  English  ▼

X  

MAX14821 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX14821
Description  IO-Link Device Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14821 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX14821 Datasheet HTML 1Page - Maxim Integrated Products MAX14821 Datasheet HTML 2Page - Maxim Integrated Products MAX14821 Datasheet HTML 3Page - Maxim Integrated Products MAX14821 Datasheet HTML 4Page - Maxim Integrated Products MAX14821 Datasheet HTML 5Page - Maxim Integrated Products MAX14821 Datasheet HTML 6Page - Maxim Integrated Products MAX14821 Datasheet HTML 7Page - Maxim Integrated Products MAX14821 Datasheet HTML 8Page - Maxim Integrated Products MAX14821 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
����������������������������������������������������������������� Maxim Integrated Products 5
MAX14821
IO-Link Device Transceiver
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = 18V to 36V, VL = 2.3V to 5.5V, VGND = 0V; all logic inputs at VL or GND; TA = -40NC to +85NC, unless otherwise noted. Typical
values are at VCC = 24V, VL = 3.3V, and TA = +25NC, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DO Weak Pulldown Current
IPDDO
DO driver disabled, VCC = 36V,
VDO = (VCC - 1V)
40
120
F
A
DI Weak Pulldown Current
IPDDI
DI load disabled, VCC = 36V,
VDI = (VCC - 1V)
50
300
F
A
C/Q Input Capacitance
CC/Q
C/Q driver disabled
40
pF
DO Input Capacitance
CDO
DO driver disabled
40
pF
DI Input Capacitance
CDI
20
pF
C/Q, DI CURRENT SINK
C/Q Load Current
ILLM_C/Q
C/Q load enabled
(C/QLoad = 1)
0V P VC/Q P 5V
0
9
mA
5V P VC/Q
5
6.6
9
DI Load Current
ILLM_DI
DI load enabled
(DiLoad = 1)
0V P VDI P 5V
0
9
mA
9V P VDI
6
7.5
9
LOGIC INPUTS (TXC, TXQ, TXEN, LO, CS, SDI, SCLK)
Logic-Input Voltage Low
VIL
0.3 x
VL
V
Logic -Input Voltage High
VIH
0.7 x
VL
V
Logic-Input Leakage Current
ILEAK
Logic input = GND or VL
-1
+1
F
A
Logic-Input Capacitance
CIN
5
pF
LOGIC OUTPUTS (RX, WU, LI, UV, SDO, IRQ)
Logic-Output Voltage Low
VOL
IOUT = -5mA
0.4
V
Logic-Output Voltage High
VOHRX,
VOHWU, VOHLI,
VOHSDO,
VOHIRQ,
IOUT = 5mA (Note 3)
VL -
0.6
V
SDO Leakage Current
ILK_SDO
SDO disabled, SDO = GND or VL
-1
+1
F
A
THERMAL SHUTDOWN
Thermal Warning Threshold
Die temperature rising, OTemp bit is set
+115
N
C
Thermal Warning Threshold
Hysteresis
Die temperature falling, OTemp bit is
cleared
20
N
C
Thermal Shutdown Threshold
Die temperature rising
+150
N
C
Thermal Shutdown Hysteresis
20
N
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com