Electronic Components Datasheet Search
  English  ▼

X  

HMC960LP4E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC960LP4E
Description  DC - 100 MHz DUAL Digital Variable Ga in AmplifieR with Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC960LP4E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC960LP4E Datasheet HTML 1Page - Hittite Microwave Corporation HMC960LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC960LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC960LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC960LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC960LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC960LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC960LP4E Datasheet HTML 8Page - Hittite Microwave Corporation HMC960LP4E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
14 - 2
14
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC960LP4E
v00.0211
DC - 100 MHz DUAL DigitAL
VAriAbLe gAin AMpLifier with DriVer
table 1. electrical Specifications
T
A = +25°C, VDDI, VDDQ, DVDD = 5V +/-10%, GND = 0V, 400 Ω differential load unless otherwise stated.
Parameter
Conditions
Min.
Typ.
Max.
Units
Analog Performance
Gain Range
0
40
dB
Gain Step Size
0.5
dB
Gain Step Error
f = 40 MHz
0.05
±0.2
dB
Gain Absolute Error
f = 40 MHz
0.1
±0.2
dB
DC Offset [4]
measured over all gain settings
0
±50
mV
Signal Bandwidth
0.5 dB bandwidth
3 dB bandwidth
over all gain settings
50
100
90
180
MHz
MHz
Noise Figure
100 Ω Input Impedance (100 Ohm source)
400 Ω Input Impedance (400 Ohm source)
Gain:
0 dB (min gain)
10 dB
20 dB
30 dB
40 dB (max gain)
0 dB (min gain)
10 dB
20 dB
30 dB
40 dB (max gain)
23
14
7.5
6.5
6
17.5
11
6.7
6.3
6.1
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
Output noise
0 dB gain
40 dB gain
measured at f = 1 MHz
100 Ω matched input load
9
125
nV/rtHz
nV/rtHz
Output IP3
0 dB gain
40 dB gain
using two tones near 20 MHz
at 2 Vppd output
32
33
dBm
dBm
IM3
0 dB gain
40 dB gain
using two tones near 20 MHz
at 2 Vppd output
-75
-80
dBc
dBc
Output IP2
0 dB gain
40 dB gain
using two tones near 20 MHz
at 2 Vppd output
73
73
dBm
dBm
IM2
0 dB gain
40 dB gain
using two tones near 20 MHz
at 2 Vppd output
-80
-80
dBc
dBc
Sideband Suppression (Uncalibrated)[1]
tested at 20 MHz over all gains
40
55
dB
I/Q Channel Balance[1]
Gain
Phase
tested at 20 MHz
0.02
0.15
dB
degrees
I/Q Channel Isolation
60
70
dB
Analog I/O
Differential input impedance
100 Ω Mode
400 Ω Mode
80
320
100
400
120
480
Ω
Ω
Full Scale Differential Input
400 Ω Differential Load
100 Ω Differential Load
min / max gain setting
min / max gain setting
2/0.02
1/0.02
Vppd
Vppd
Input Common Mode Voltage Range
1
4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com