| Electronic Components Datasheet Search |
|
CYUSB3014 Datasheet(PDF) 4 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
CYUSB3014 Datasheet(HTML) 4 Page - Cypress Semiconductor |
|
4 / 38 page ![]() PRELIMINARY CYUSB3014 Document Number 001-52136 Rev. *I Page 4 of 38 Figure 2. EZ-USB FX3 as Main Processor USB Interface EZ-USB FX3 supports USB peripheral functionality compliant with USB 3.0 Specification Revision 1.0 and is also backward compatible with the USB 2.0 Specification. EZ-USB FX3 is compliant with On-The-Go Supplement Revision 2.0. It supports Hi-Speed, Full-Speed, and Low Speed OTG dual role device capability. It is SuperSpeed, High-Speed, and Full-Speed capable as a peripheral and High-Speed, Full-Speed, and Low-Speed capable as a host. EZ-USB FX3 supports Carkit Pass-Through UART functionality on USB D+/D- lines based on the CEA-936A specification. EZ-USB FX3 supports up to 16 IN and 16 OUT endpoints. EZ-USB FX3 fully supports the USB3.0 Streams feature. It also supports USB Attached SCSI (UAS) device class to optimize mass storage access performance. As a USB peripheral, EZ-USB FX3 supports UAS, USB Video Class (UVC), Mass Storage Class (MSC), and Media Transfer Protocol (MTP) USB peripheral classes. As a USB peripheral, all other device classes are supported only in pass through mode when handled entirely by a host processor external to the device. As an OTG host, EZ-USB FX3 supports MSC and HID device classes. When the USB port is not in use, the PHY and transceiver may be disabled for power savings. Figure 3. USB Interface Signals OTG EZ-USB FX3 is compliant with the On-The-Go (OTG) Specifi- cation Revision 2.0 . In OTG mode, EZ-USB FX3 supports both A and B device mode and supports Control, Interrupt, Bulk, and Isochronous data transfers. EZ-USB FX3 requires an external charge pump (either stand alone or integrated into a PMIC) to power VBUS in OTG A-device mode. The Target Peripheral List for OTG host implementation consists of MSC and HID class devices. Attach Detection Protocol (ADP) is not supported by EZ-USB FX3. EXTERNAL SLAVE DEVICE (Eg: IMAGE SENSOR) EZ-USB FX3 (ARM9 Core) GPIF II I2C USB Port CRYSTAL* USB Host EEPROM * A clock input may be provided on the CLKIN pin instead of a crystal input EZ-USB FX3 VBATT VBUS SSRX- SSRX+ SSTX- SSTX+ D- D+ OTG_ID |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |