Electronic Components Datasheet Search
  English  ▼

X  

GL5HD60 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GL5HD60
Description  첩5mm(T-1 3/4), Cylinder Type(Flat Top), Milky Diffusion LED Lamps for Backlight/Indicator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL5HD60 Datasheet(HTML) 1 Page - Sharp Corporation

  GL5HD60 Datasheet HTML 1Page - Sharp Corporation GL5HD60 Datasheet HTML 2Page - Sharp Corporation GL5HD60 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
52
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
GL5tt60 series
(Unit : mm)
(Ta=25˚C)
LED Lamp
GL5tt60 series
ø5mm(T-1 3/4), Cylinder Type(Flat
Top), Milky Diffusion LED Lamps
for Backlight/Indicator
s Outline Dimensions
Milky diffusion
ø5.0
0.5
±0.1
2.54NOM
2.5
1
2
(Dimension from the center of ø5mm)
Pin connections
1 Anode
2 Cathode
Unspecified tolerance:
±0.2
s Radiation Diagram
0˚
0
40
20
60
-20˚
+20˚
+40˚
+60˚
+80˚
-40˚
-60˚
-80˚
-30˚
-50˚
+10˚
100
-10˚
+30˚
+50˚
+70˚
+90˚
-90˚
-70˚
80
DC
Pulse
GL5HD60
GL5EG60
GaAsP on GaP
GaP
84
84
30
30
0.40
0.40
0.67
0.67
260
260
50
50
5
5
Model No. Radiation color Radiation material
Power dissipation
P
(mW)
Forward current
IF
(mA)
Derating factor
(mA/˚C)
Peak forward current
IFM*1
(mA)
Operating temperature
Topr
(˚C)
Storage temperature
Tstg
(˚C)
Soldering temperature
Tsol*2
(˚C)
Reverse voltage
VR
(V)
(Ta=25˚C)
Red
Yellow-green
-25 to +85
-25 to +85
-25 to +100
-25 to +100
*1 Duty ratio=1/10, Pulse width=0.1ms
*2 5s or less(At the position of 1.6mm or more from the bottom face of resin package)
s Absolute Maximum Ratings
GL5HD60
GL5EG60
Milky diffusion
TYP
MAX
2.0
2.1
2.8
2.8
635
565
20
20
20
20
20
20
10
10
4
4
20
35
1
1
→
→
35
30
8.0
23.0
Model No.
Lens type
Forward voltage
VF(V)
λp(nm)
TYP
IV(mcd)
TYP
IF
(mA)
IF
(mA)
IF
(mA)
(MHZ)
VR
(V)
IR(
µA)
MAX
Ct(pF)
TYP
∆λ(nm)
TYP
Peak emission wavelength
Luminous intensity
Spectrum radiation bandwidth
Reverse current
Page for
characteristics
diagrams
Terminal capacitance
(Ta=25˚C)
s Electro-optical Characteristics


Similar Part No. - GL5HD60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL5HD60 ETC1-GL5HD60 Datasheet
1Mb / 11P
HIGH-LUMINOSITY LED LAMP
More results

Similar Description - GL5HD60

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL3ED8 SHARP-GL3ED8 Datasheet
194Kb / 3P
첩3mmT-1, Cylinder Type, Milky Diffusion, Dichromatic LED Lamp for Backlight/Indicator
GL5ED60 SHARP-GL5ED60 Datasheet
200Kb / 3P
첩5mm(T-1 3/4), Cylinder Type(Flat Top), Milky Diffusion, Dichromatic LED Lamps for Backlight/Indicator
GL5EP5 SHARP-GL5EP5 Datasheet
228Kb / 4P
첩5mm(T-1 3/4), Cylinder Type, Milky Diffusion, Dichromatic LED Lamps for Backlight/Indicator
GL5PR4 SHARP-GL5PR4 Datasheet
86Kb / 4P
첩5mm(T-1 3/4), Cylinder Type, Colored Diffusion LED Lamps for Wide Viewing Angle Indicator
GL5PR40 SHARP-GL5PR40 Datasheet
81Kb / 4P
첩5mm(T-1 3/4), Cylinder Type, Colored Transparency LED Lamps for Indicator
GL5PR41 SHARP-GL5PR41 Datasheet
81Kb / 4P
첩5mm(T-1 3/4), Cylinder Type, Colored Transparency LED Lamps for Backlight/Indicator
GL5PR43 SHARP-GL5PR43 Datasheet
81Kb / 4P
첩5mm(T-1 3/4), Cylinder Type, Colorless Transparency LED Lamps for Indicator
GL5PR44 SHARP-GL5PR44 Datasheet
81Kb / 4P
첩5mm(T-1 3/4), Cylinder Type, Colorless Transparency LED Lamps for Backlight/Indicator
GL5PR8 SHARP-GL5PR8 Datasheet
81Kb / 4P
첩5mm(T-1 3/4), Cylinder Type, Colored Diffusion LED Lamps for Indicator
logo
List of Unclassifed Man...
GL5HD8 ETC-GL5HD8 Datasheet
89Kb / 4P
5mm(T-1 3/4), Cylinder Type, Colored Diffusion LED Lamps for Indicator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com