Electronic Components Datasheet Search
  English  ▼

X  

HMC985 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC985
Description  Gaas mmic voltage - variable attenuator, 20 - 50 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC985 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC985 Datasheet HTML 1Page - Hittite Microwave Corporation HMC985 Datasheet HTML 2Page - Hittite Microwave Corporation HMC985 Datasheet HTML 3Page - Hittite Microwave Corporation HMC985 Datasheet HTML 4Page - Hittite Microwave Corporation HMC985 Datasheet HTML 5Page - Hittite Microwave Corporation HMC985 Datasheet HTML 6Page - Hittite Microwave Corporation HMC985 Datasheet HTML 7Page - Hittite Microwave Corporation HMC985 Datasheet HTML 8Page - Hittite Microwave Corporation HMC985 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
0
0 - 1
HMC985
v00.0211
Gaas mmic voltaGe - variable
attenuator, 20 - 50 GHz
electrical Specifications, t
a = +25 °c, See test conditions
parameter
Condition
Min.
typ.
Max.
units
insertion loss
20 - 27
3
3.5
dB
27 - 35
3
4
dB
35 - 50
3.5
4.5
dB
attenuation range
20 - 27
25
30
dB
27 - 35
30
35
dB
35 - 50
35
40
dB
input return loss
13
dB
output return loss
13
dB
input third order intercept
(two-tone input power = 10 dBm each tone) [1]
33
dBm
[1] VCtr2 = -3, VCtr1 = -2.0 worst case
Functional Diagram
Features
Wide Bandwidth: 20 - 50 ghz
excellent linearity: +32 dB input ip3
Wide attenuation range: 35 dB
Die size: 2.78 x 1.37 x 0.1 mm
typical applications
the hMC985 is ideal for:
• point-to-point radio
• Vsat radio
• test instrumentation
• Microwave sensors
• Military, eCM & radar
General Description
the hMC985 is an absorptive Voltage Variable
attenuator (VVa) which operates from 20 - 50 ghz and
is ideal in designs where an analog DC control signal
must be used to control rF signal levels over a 35 dB
dynamic range. it features two shunt-type attenuators
which are controlled by two analog voltages, Vctrl1
and Vctrl2. optimum linearity performance of the
attenuator is achieved by first varying Vctrl1 of the
first attenuation stage from -3V to 0V with Vctrl2 fixed
at -3V. the control voltage of the second attenuation
stage, Vctrl2, should then be varied from -3V to 0V
with Vctrl1 fixed at 0V.
however, if the Vctrl1 and Vctrl2 pins are connected
together it is possible to achieve the full analog
attenuation range with only a small degradation in
input ip3 performance. applications include agC
circuits and temperature compensation of multiple
gain stages in microwave point to point and Vsat
radios.


Similar Part No. - HMC985

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC985A AD-HMC985A Datasheet
835Kb / 10P
GaAs MMIC VOLTAGE - VARIABLE ATTENUATOR, 20 - 50 GHz
HMC985ALP4KE AD-HMC985ALP4KE Datasheet
2Mb / 4P
GaAs MMIC VOLTAGE - VARIABLE ATTENUATOR, 10 - 40 GHz
More results

Similar Description - HMC985

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AV850M1-00 ALPHA-AV850M1-00 Datasheet
77Kb / 2P
18-50 GHz GaAs MMIC Voltage Variable Attenuator
logo
Hittite Microwave Corpo...
HMC346 HITTITE-HMC346 Datasheet
252Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
logo
List of Unclassifed Man...
HMC346LC3B ETC1-HMC346LC3B Datasheet
360Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
logo
Hittite Microwave Corpo...
HMC346 HITTITE-HMC346_07 Datasheet
265Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
HMC-VVD106 HITTITE-HMC-VVD106 Datasheet
195Kb / 6P
GaAs PIN MMIC VOLTAGE-VARIABLE ATTENUATOR, 36 - 50 GHz
HMC712LP3C HITTITE-HMC712LP3C_09 Datasheet
341Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
HMC346 HITTITE-HMC346_09 Datasheet
281Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
logo
Analog Devices
HMC346ALC3B AD-HMC346ALC3B Datasheet
918Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
HMC346ALP3 AD-HMC346ALP3 Datasheet
903Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
HMC985A AD-HMC985A Datasheet
835Kb / 10P
GaAs MMIC VOLTAGE - VARIABLE ATTENUATOR, 20 - 50 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com