Electronic Components Datasheet Search
  English  ▼

X  

TIP42 Datasheet(PDF) 1 Page - ON Semiconductor

Part # TIP42
Description  Complementary Silicon Plastic Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP42 Datasheet(HTML) 1 Page - ON Semiconductor

  TIP42 Datasheet HTML 1Page - ON Semiconductor TIP42 Datasheet HTML 2Page - ON Semiconductor TIP42 Datasheet HTML 3Page - ON Semiconductor TIP42 Datasheet HTML 4Page - ON Semiconductor TIP42 Datasheet HTML 5Page - ON Semiconductor TIP42 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2007
November, 2007 - Rev. 7
1
Publication Order Number:
TIP41A/D
TIP41, TIP41A, TIP41B,
TIP41C (NPN); TIP42, TIP42A,
TIP42B, TIP42C (PNP)
Complementary Silicon
Plastic Power Transistors
Designed for use in general purpose amplifier and switching
applications.
Features
• ESD Ratings:
Machine Model, C; > 400 V
Human Body Model, 3B; > 8000 V
• Epoxy Meets UL 94 V-0 @ 0.125 in
• Pb-Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
TIP41, TIP42
TIP41A, TIP42A
TIP41B, TIP42B
TIP41C, TIP42C
VCEO
40
60
80
100
Vdc
Collector-Base Voltage
TIP41, TIP42
TIP41A, TIP42A
TIP41B, TIP42B
TIP41C, TIP42C
VCB
40
60
80
100
Vdc
Emitter-Base Voltage
VEB
5.0
Vdc
Collector Current-
Continuous
Peak
IC
6.0
10
Adc
Base Current
IB
2.0
Adc
Total Power Dissipation @ TC = 25°C
Derate above 25
°C
PD
65
0.52
W
W/
°C
Total Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
2.0
0.016
W
W/
°C
Unclamped Inductive Load Energy
(Note 1)
E
62.5
mJ
Operating and Storage Junction,
Temperature Range
TJ, Tstg
–65 to
+150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction-to-Case
RqJC
1.67
°C/W
Thermal Resistance, Junction-to-Ambient
RqJA
57
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. IC = 2.5 A, L = 20 mH, P.R.F. = 10 Hz, VCC = 10 V, RBE = 100 W.
*For additional information on our Pb-Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TO-220AB
CASE 221A
STYLE 1
MARKING
DIAGRAM
6 AMPERE
COMPLEMENTARY SILICON
POWER TRANSISTORS
40-60-80-100 VOLTS,
65 WATTS
http://onsemi.com
1
2
3
4
TIP4xx
= Device Code
xx
= 1, 1A, 1B, 1C
2, 2A, 2B, 2C
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb-Free Package
TIP4xxG
AYWW
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Similar Part No. - TIP42

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP42 MOSPEC-TIP42 Datasheet
189Kb / 4P
POWER TRANSISTORS(6A,40-100V,65W)
logo
Power Innovations Ltd
TIP42 POINN-TIP42 Datasheet
86Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Wing Shing Computer Com...
TIP42 WINGS-TIP42 Datasheet
22Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR(MEDIUM POWER LINEAR SWITCHING APPLICATIONS)
logo
Samsung semiconductor
TIP42 SAMSUNG-TIP42 Datasheet
179Kb / 5P
PNP (MEDIUM POWER LINEAR SWITCHING APPLICATIONS)
logo
Fairchild Semiconductor
TIP42 FAIRCHILD-TIP42 Datasheet
36Kb / 4P
Medium Power Linear Switching Applications
More results

Similar Description - TIP42

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
Complementary Silicon Plastic Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com