Electronic Components Datasheet Search
  English  ▼

X  

HMC490 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC490
Description  ACTIVE BIAS CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC490 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC490 Datasheet HTML 1Page - Hittite Microwave Corporation HMC490 Datasheet HTML 2Page - Hittite Microwave Corporation HMC490 Datasheet HTML 3Page - Hittite Microwave Corporation HMC490 Datasheet HTML 4Page - Hittite Microwave Corporation HMC490 Datasheet HTML 5Page - Hittite Microwave Corporation HMC490 Datasheet HTML 6Page - Hittite Microwave Corporation HMC490 Datasheet HTML 7Page - Hittite Microwave Corporation HMC490 Datasheet HTML 8Page - Hittite Microwave Corporation HMC490 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
2 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
13 - 2
13
Electrical Specifications, T
A = +25°C, VDD=8V, VDIG= 3.3V, Depletion Master
Unless Otherwise Noted
HMC981
v00.0611
ACTIVE BIAS CONTROLLER
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Supply Voltage
Vdd
4
12
V
VDD Quiescent Current
IDD
VDD = 4V
EN = VDIG
7
mA
EN = GND
3
mA
VDD = 8V
EN = VDIG
7.5
mA
EN = GND
4
mA
VDIG Quiescent Current
IDIG
VDIG= 3.3 V
3
mA
VDIG= 5 V
5
mA
Negative Voltage Output
VNEG
-2.5
V
Oscillator Frequency
FOSC
300
kHz
Voltage Reference
VREF
1.42
V
Enable Input Threshold
ENTHRS
Vinlow
1
V
Vinhigh
1.4
V
Switch Input Threshold
SWTHRS
Vinlow
1
V
Vinhigh
1.4
V
Short Circuit Disable Input Threshold
DSCTHRS
Vinlow
1
V
Vinhigh
1.4
V
VDRAIN Characteristics
DRAIN Current Adjustment Range
IDRAIN
SW=GND
20
80
mA
SW=VDIG
80
200
mA
DRAIN Current Change Over Digital Voltage
ΔIDRAINV
VDRAIN set to 8V,
IDRAIN set to 160 mA
0.4
%/V
DRAIN Current Change Over Temperature
0.02
%/C
DRAIN Range
VDRAIN
4
12
V
VDRAIN Change Over Temperature
ΔVDRAIN
VDRAIN set to 8V,
IDRAIN set to 160 mA
1.5
%/C
VNEG Characteristics
Negative Voltage Output
VNEG
-2.5
V
VNEG Current Sink
INEG
VDD= 4V
0
8
mA
VDD= 8V
0
15
mA
VGATE Characteristics
GATE Current Supply
IG
-0.8
0.8
mA
VGATE Low Level
VG_MIN
VNEG
V
VGATE High Level
VG_MAX
VNEG+4.5
V
VG2 Characteristics
VG2 Current Supply
IG2
VG2<1.5V
-0.1
0.1
mA
VG2>1.5V
-1
1
mA
VG2 Adjustment Range
VG2
1
VDD-1.3
V
VDIG Characteristics
Adjustment Range
VDIG
3.3
5
V
VDIG Quiescent Current
IDIG
VDD= 8 V,
VDIG=EN =3.3 V
3
mA
SW Characteristics
Internal Switch Resistance
RDS_ON
SW= GND
10
Ohm
SW=VDIG
5
Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com