Electronic Components Datasheet Search
  English  ▼

X  

2DC4617QLP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 2DC4617QLP
Description  50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DC4617QLP Datasheet(HTML) 1 Page - Diodes Incorporated

  2DC4617QLP Datasheet HTML 1Page - Diodes Incorporated 2DC4617QLP Datasheet HTML 2Page - Diodes Incorporated 2DC4617QLP Datasheet HTML 3Page - Diodes Incorporated 2DC4617QLP Datasheet HTML 4Page - Diodes Incorporated 2DC4617QLP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2DC4617QLP
Document number: DS31439 Rev. 4 - 2
1 of 5
www.diodes.com
February 2011
© Diodes Incorporated
2DC4617QLP
50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
•
Ultra-Small Leadless Surface Mount Package
•
Complementary PNP Type Available (2DA1774QLP)
•
“Lead Free”, RoHS Compliant (Note 1)
•
Halogen and Antimony Free, "Green" Device (Note 2)
•
Qualified to AEC-Q101Standards for High Reliability
Mechanical Data
•
Case: DFN1006-3
•
Case Material: Molded Plastic, "Green" Molding Compound. UL
Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish
⎯ NiPdAu over Copper leadframe. Solderable
per MIL-STD-202, Method 208
•
Weight: 0.0008 grams (approximate)
Ordering Information (Note 3)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
2DC4617QLP-7
8D
7
8
3,000
2DC4617QLP-7B
8D
7
8
10,000
Notes:
1. No purposefully added lead.
2. Diodes Inc's "Green" policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Top View
Device Schematic
Bottom View
DFN1006-3
Device Symbol
C
E
B
C
E
B
8D = Product Type Marking Code
2DC4617QLP-7
2DC4617QLP-7B
Top View
Bar Denotes Base
and Emitter Side
Top View
Dot Denotes
Collector Side
8D
8D


Similar Part No. - 2DC4617QLP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DC4617QLP DIODES-2DC4617QLP Datasheet
136Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS31439 Rev. 3 - 2
2DC4617QLP-7 DIODES-2DC4617QLP-7 Datasheet
136Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS31439 Rev. 3 - 2
2DC4617QLP DIODES-2DC4617QLP_15 Datasheet
352Kb / 5P
50V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 5
More results

Similar Description - 2DC4617QLP

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT3904 TRSYS-MMBT3904 Datasheet
200Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMBT5551 TRSYS-MMBT5551 Datasheet
170Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMBT5551 DIODES-MMBT5551_1 Datasheet
419Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30061 Rev. 9 - 2
MMST3904 DIODES-MMST3904_1 Datasheet
441Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 10 - 2
MMBT2222AT DIODES-MMBT2222AT_1 Datasheet
172Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30268 Rev. 8 - 2
DN0150ALP4 DIODES-DN0150ALP4_11 Datasheet
97Kb / 5P
50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 4
DP0150ALP4 DIODES-DP0150ALP4_11 Datasheet
96Kb / 5P
50V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 4
BC857BLP DIODES-BC857BLP_11 Datasheet
95Kb / 4P
50V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 10
2DC2412R DIODES-2DC2412R_15 Datasheet
190Kb / 6P
50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 3
2DC2412R DIODES-2DC2412R_V01 Datasheet
195Kb / 6P
50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 3 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com