Electronic Components Datasheet Search
  English  ▼

X  

MMBD5004S Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBD5004S
Description  HIGH VOLTAGE DUAL SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBD5004S Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBD5004S Datasheet HTML 1Page - Diodes Incorporated MMBD5004S Datasheet HTML 2Page - Diodes Incorporated MMBD5004S Datasheet HTML 3Page - Diodes Incorporated MMBD5004S Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMBD5004S
Document number: DS30832 Rev. 8 - 2
1 of 4
www.diodes.com
May 2011
© Diodes Incorporated
MMBD5004S
HIGH VOLTAGE DUAL SWITCHING DIODE
Features
•
Fast Switching Speed: 50ns
•
Surface Mount Package Ideally Suited for Automated Insertion
•
High Reverse Breakdown Voltage Rating: 400V
•
Lead Free by Design/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
Mechanical Data
•
Case: SOT23
•
Case Material: Molded Plastic. "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish - Matte Tin annealed over Alloy 42 leadframe.
Solderable per MIL-STD-202, Method 208
•
Polarity: See Diagram
•
Weight: 0.008 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
MMBD5004S-7
SOT23
3000/Tape & Reel
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2010
2011
2012
2013
2014
2015
2016
2017
Code
X
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
SOT23
Top View
Internal Schematic
KJB = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: Y = 2011)
M = Month (ex: 9 = September)
KJB


Similar Part No. - MMBD5004S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD5004S DIODES-MMBD5004S Datasheet
284Kb / 5P
HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
MMBD5004S-7 DIODES-MMBD5004S-7 Datasheet
101Kb / 4P
HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
MMBD5004S-7 DIODES-MMBD5004S-7 Datasheet
284Kb / 5P
HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
More results

Similar Description - MMBD5004S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS21SLT1G ONSEMI-BAS21SLT1G Datasheet
123Kb / 3P
Dual Series High Voltage Switching Diode
August, 2009 ??Rev. 5
logo
Diodes Incorporated
BAW101S DIODES-BAW101S Datasheet
97Kb / 4P
HIGH VOLTAGE DUAL SWITCHING DIODE
DS32177 Rev. 4 - 2
BAW101V DIODES-BAW101V Datasheet
100Kb / 4P
HIGH VOLTAGE DUAL SWITCHING DIODE
DS32178 Rev. 4 - 2
BAW101S DIODES-BAW101S_15 Datasheet
97Kb / 4P
HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
BAW101V DIODES-BAW101V_15 Datasheet
100Kb / 4P
HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
MMBD5004ACS DIODES-MMBD5004ACS_15 Datasheet
101Kb / 4P
HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
logo
NXP Semiconductors
BAS21PG PHILIPS-BAS21PG_15 Datasheet
250Kb / 13P
Dual isolated high-voltage switching diode
9 June 2015
logo
ON Semiconductor
BAS21SLT1G ONSEMI-BAS21SLT1G_16 Datasheet
99Kb / 3P
Dual Series High Voltage Switching Diode
October, 2016 ??Rev. 7
logo
Diodes Incorporated
MMBD5004A DIODES-MMBD5004A Datasheet
284Kb / 5P
HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
logo
Yangzhou yangjie electr...
BAV23AQ YANGJIE-BAV23AQ Datasheet
311Kb / 4P
Dual High-voltage Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com