Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1107 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # ZXCT1107
Description  LOW POWER HIGH-SIDE CURRENT MONITORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1107 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button ZXCT1107 Datasheet HTML 8Page - Diodes Incorporated ZXCT1107 Datasheet HTML 9Page - Diodes Incorporated ZXCT1107 Datasheet HTML 10Page - Diodes Incorporated ZXCT1107 Datasheet HTML 11Page - Diodes Incorporated ZXCT1107 Datasheet HTML 12Page - Diodes Incorporated ZXCT1107 Datasheet HTML 13Page - Diodes Incorporated ZXCT1107 Datasheet HTML 14Page - Diodes Incorporated ZXCT1107 Datasheet HTML 15Page - Diodes Incorporated ZXCT1107 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ZXCT1107/1109/1110
LOW POWER HIGH-SIDE CURRENT MONITORS
ZXCT1107/1109/1110
Document number: DS35033 Rev. 3 - 2
12 of 16
www.diodes.com
JULY 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information (cont.)
Note that in order to avoid additional error, VSUPPLY must be at least 1.5V greater than VOUT. This margin depends on the
value of VSENSE. For VSENSE = 100mV, this margin can be reduced to 1.0V.
RSENSE is chosen based on the threshold VSENSET of sense voltage selected as above, for the chosen threshold load current,
ILOADT.
LOADT
SENSET
SENSE
I
V
R
=
Equation 4
RGAIN is chosen to give the required threshold output voltage, VOUTT. From Equation 1, the threshold output current is
IOUTT = 0.004 * VSENSET
Equation 1a
OUTT
OUTT
GAIN
I
V
R
=
or
SENSET
OUTT
GAIN
V
*
004
.
0
V
R
=
Equation 5
Design Example
A current monitor is required to provide an output voltage of 2V ±6% when the load current of a 12V supply is 2A. Resistors
are available with 1% tolerance.
The sense and output resistors will contribute a total possible error of 2%, so the ZXCT11xx error must not exceed 4%. From
Table 1, the error of ZXCT1107/1109 will be 3.4% if the sense voltage is 100mV. This satisfies the total error requirement of
6%.
Equation 4 gives
RSENSE = 100mV/2A = 50mΩ
Equation 5 gives
1
.
0
*
004
.
0
2
R
GAIN =
= 5k
Ω
A suitable preferred value is 5.1k
Ω. This gives a systematic error of +2%, which can be compensated elsewhere in the
system if desired. Figure 2 shows the resulting schematic.
S+
ZXCT1107
or
ZXCT1109
S-
50m
Ω
VSUPPLY
OUT
LOAD
GND
5k1
OUTPUT
VOUT
ILOAD
Figure 2. Example Circuit using ZXCT1107/ZXCT1109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com